Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7901D1 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF7901D1
Szczegółowy opis  Dual FETKY??Co-Packaged Dual MOSFET Plus Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7901D1 Arkusz danych(HTML) 1 Page - International Rectifier

  IRF7901D1 Datasheet HTML 1Page - International Rectifier IRF7901D1 Datasheet HTML 2Page - International Rectifier IRF7901D1 Datasheet HTML 3Page - International Rectifier IRF7901D1 Datasheet HTML 4Page - International Rectifier IRF7901D1 Datasheet HTML 5Page - International Rectifier IRF7901D1 Datasheet HTML 6Page - International Rectifier IRF7901D1 Datasheet HTML 7Page - International Rectifier IRF7901D1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
• Co-Pack Dual N-channel HEXFET® Power MOSFET
and Schottky Diode
• Ideal for Synchronous Buck DC-DC
Converters Up to 5A Peak Output
• Low Conduction Losses
• Low Switching Losses
• Low Vf Schottky Rectifier
Dual FETKY™
Co-Packaged Dual MOSFET Plus Schottky Diode
Description
The FETKYfamily of Co-Pack HEXFET®MOSFETs and Schottky diodes offers the designer an innovative,
board space saving solution for switching regulator and power management applications. Advanced
HEXFET®MOSFETs combined with low forward drop Schottky results in an extremely efficient device suitable
for a wide variety of portable electronics applications.
The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple
die capability making it ideal in a variety of power applications. With these improvements, multiple devices can
be used in an application with dramatically reduced board space. Internal connections enable easier board
layout design with reduced stray inductance.
IRF7901D1
PD- 93844B
www.irf.com
1
9/19/01
SO-8
Device Ratings (Max.Values)
Q1
Q2
and Schottky
V
DS
30V
30V
R
DS(on)
38 m
32 m
Q
G
10.5 nC
18.3 nC
Q
sw
3.8 nC
9.0 nC
V
SD
1.0V
0.52V
Parameter
Max.
Units
Maximum Junction-to-Ambient
ƒ
R
θJA
62.5
°C/W
Maximum Junction-to-Lead
…
R
θJL
25
°C/W
Thermal Resistance
Absolute Maximum Ratings
Parameter
Symbol
IRF7901D1
Units
Drain-Source Voltage
V
DS
30
V
Gate-Source Voltage
V
GS
±20
Continuous Output
T
L = 100°C
I
D
6.2
A
Current (V
GS ≥ 4.5V)„
Pulsed Drain Current

I
DM
24
Power Dissipation
ƒ
T
L = 100°C
P
D
2.0
W
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Pulsed Source Current

I
SM
12
A
27
18
3
4
6
5
Source
Pwr
Vin
Pwr
Vin
Pwr
Vout
Pwr
Vout
Q1
Gate
Q1
PGND
Gate
Q2
Top View


Podobny numer części - IRF7901D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7901D1PBF IRF-IRF7901D1PBF Datasheet
428Kb / 9P
   Dual FETKY?
More results

Podobny opis - IRF7901D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
IRF7335D1PBF IRF-IRF7335D1PBF Datasheet
242Kb / 12P
   Dual FETKY Co-Packaged Dual MOSFET Plus Schottky Diode
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com