Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9Z34N Arkusz danych(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Numer części IRF9Z34N
Szczegółowy opis  Advanced Planar Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9Z34N Arkusz danych(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRF9Z34N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF9Z34N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9Z34N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9Z34N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9Z34N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9Z34N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9Z34N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9Z34N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF9Z34N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Qualification Information
TO-220
N/A
Qualification Level
Automotive
(per AEC-Q101)
††
Comments: This part number(s) passed Automotive qualification.
IR’s Industrial and Consumer qualification level is granted by
extension of the higher Automotive level.
Charged Device
Model
Class C5 (+/- 2000V)†††
AEC-Q101-005
Moisture Sensitivity Level
RoHS Compliant
Yes
ESD
Machine Model
Class M3 (+/- 250V)†††
AEC-Q101-002
Human Body Model
Class H1B (+/- 800V)†††
AEC-Q101-001
AUIRF9Z34N
2014-8-11
3
www.kersemi.com


Podobny numer części - IRF9Z34N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
logo
Inchange Semiconductor ...
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
   P-Channel MOSFET Transistor
logo
International Rectifier
IRF9Z34NL IRF-IRF9Z34NL Datasheet
162Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
logo
Kersemi Electronic Co.,...
IRF9Z34NL KERSEMI-IRF9Z34NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9Z34NL ISC-IRF9Z34NL Datasheet
273Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Podobny opis - IRF9Z34N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
AUIRFIZ34N IRF-AUIRFIZ34N Datasheet
222Kb / 11P
   Advanced Planar Technology
logo
Kersemi Electronic Co.,...
AUIRF9Z34N KERSEMI-AUIRF9Z34N Datasheet
1Mb / 10P
   Advanced Planar Technology
logo
International Rectifier
AUIRF6218S IRF-AUIRF6218S Datasheet
234Kb / 12P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRFR4105 INFINEON-AUIRFR4105 Datasheet
441Kb / 10P
   Advanced Planar Technology
2015-12-1
AUIRFR2405 INFINEON-AUIRFR2405 Datasheet
536Kb / 10P
   Advanced Planar Technology
2015-11-19
AUIRLR3105 INFINEON-AUIRLR3105 Datasheet
674Kb / 11P
   Advanced Planar Technology
2015-12-11
AUIRFZ44N INFINEON-AUIRFZ44N Datasheet
325Kb / 9P
   Advanced Planar Technology
2017-09-25
logo
International Rectifier
AUIRF3305 IRF-AUIRF3305 Datasheet
275Kb / 12P
   Advanced Planar Technology
AUIRFI4905 IRF-AUIRFI4905 Datasheet
304Kb / 9P
   Advanced Planar Technology
AUIRFR024N IRF-AUIRFR024N Datasheet
385Kb / 13P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRF2907Z INFINEON-AUIRF2907Z Datasheet
395Kb / 10P
   Advanced Planar Technology
2017-09-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com