Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9Z34NS Arkusz danych(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Numer części IRF9Z34NS
Szczegółowy opis  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9Z34NS Arkusz danych(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRF9Z34NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
tp
V (BR)DSS
I AS
R G
IAS
0.0 1
tp
D.U.T
L
V DS
V DD
DRIV E R
A
15V
-2 0V
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
0
100
200
300
400
500
25
50
75
100
125
150
175
J
A
Starting T , Junction T emp erature (°C)
I
TOP
-4 .2A
-7.2 A
BO TTOM
-10 A
D
IRF9Z34NS/L
2014-8-30
6
www.kersemi.com


Podobny numer części - IRF9Z34NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
172Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9Z34NS ISC-IRF9Z34NS Datasheet
298Kb / 2P
   isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF9Z34NS VBSEMI-IRF9Z34NS Datasheet
931Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
International Rectifier
IRF9Z34NSL IRF-IRF9Z34NSL Datasheet
172Kb / 11P
   Advanced Process Technology
More results

Podobny opis - IRF9Z34NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com