Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFB41N15D Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRFB41N15D
Szczegółowy opis  Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFB41N15D Arkusz danych(HTML) 2 Page - International Rectifier

  IRFB41N15D Datasheet HTML 1Page - International Rectifier IRFB41N15D Datasheet HTML 2Page - International Rectifier IRFB41N15D Datasheet HTML 3Page - International Rectifier IRFB41N15D Datasheet HTML 4Page - International Rectifier IRFB41N15D Datasheet HTML 5Page - International Rectifier IRFB41N15D Datasheet HTML 6Page - International Rectifier IRFB41N15D Datasheet HTML 7Page - International Rectifier IRFB41N15D Datasheet HTML 8Page - International Rectifier IRFB41N15D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFB/IRFS/IRFSL41N15D
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
18
–––
–––
S
VDS = 50V, ID = 25A
Qg
Total Gate Charge
–––
72
110
ID = 25A
Qgs
Gate-to-Source Charge
–––
21
31
nC
VDS = 120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
35
52
VGS = 10V,
„
td(on)
Turn-On Delay Time
–––
16
–––
VDD = 75V
tr
Rise Time
–––
63
–––
ID = 25A
td(off)
Turn-Off Delay Time
–––
25
–––
RG = 2.5Ω
tf
Fall Time
–––
14
–––
VGS = 10V
„
Ciss
Input Capacitance
–––
2520 –––
VGS = 0V
Coss
Output Capacitance
–––
510
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
110
–––
pF
ƒ = 1.0MHz
†
Coss
Output Capacitance
–––
3090 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
230
–––
VGS = 0V, VDS = 120V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
250
–––
VGS = 0V, VDS = 0V to 120V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
470
mJ
IAR
Avalanche Current

–––
25
A
EAR
Repetitive Avalanche Energy

–––
20
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 25A, VGS = 0V
„
trr
Reverse Recovery Time
–––
170
260
ns
TJ = 25°C, IF = 25A
Qrr
Reverse RecoveryCharge
–––
1.3
1.9
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
41
164
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.17 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.045
VGS = 10V, ID = 25A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.5
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 150V, VGS = 0V
–––
–––
250
VDS = 120V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθCS
Case-to-Sink, Flat, Greased Surface
†
0.50
–––
°C/W
RθJA
Junction-to-Ambient
†
–––
62
RθJA
Junction-to-Ambient
‡
–––
40


Podobny numer części - IRFB41N15D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFB41N15D IRF-IRFB41N15D Datasheet
268Kb / 12P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFB41N15D ISC-IRFB41N15D Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB41N15DPBF IRF-IRFB41N15DPBF Datasheet
342Kb / 13P
   HEXFET Power MOSFET
IRFB41N15DPBF IRF-IRFB41N15DPBF Datasheet
343Kb / 13P
   High frequency DC-DC converters
logo
Infineon Technologies A...
IRFB41N15DPBF INFINEON-IRFB41N15DPBF Datasheet
714Kb / 13P
   High frequency DC-DC converters
2017-04-27
More results

Podobny opis - IRFB41N15D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFB52N15D IRF-IRFB52N15D Datasheet
134Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRFB61N15D IRF-IRFB61N15D Datasheet
211Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRFRU4105 IRF-IRFRU4105 Datasheet
144Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
IRFL4105 IRF-IRFL4105 Datasheet
168Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)
IRF1310S IRF-IRF1310S Datasheet
361Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com