Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC34J2X Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADC34J2X
Szczegółowy opis  The ADC34J2x are a high-linearity
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC34J2X Arkusz danych(HTML) 3 Page - Texas Instruments

  ADC34J2X Datasheet HTML 1Page - Texas Instruments ADC34J2X Datasheet HTML 2Page - Texas Instruments ADC34J2X Datasheet HTML 3Page - Texas Instruments ADC34J2X Datasheet HTML 4Page - Texas Instruments ADC34J2X Datasheet HTML 5Page - Texas Instruments ADC34J2X Datasheet HTML 6Page - Texas Instruments ADC34J2X Datasheet HTML 7Page - Texas Instruments ADC34J2X Datasheet HTML 8Page - Texas Instruments ADC34J2X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
48
47
46
45
44
43
42
41
40
39
38
37
OVRB
INAP
AVDD
INAM
AVDD
AVDD
INBP
AVDD
INBM
GND Pad
(Back Side)
OVRC
PDN
AVDD
DVDD
OVRD
INDM
INDP
AVDD
AVDD
INCP
INCM
AVDD
OVRA
DVDD
AVDD
ADC34J22, ADC34J23, ADC34J24, ADC34J25
www.ti.com
SBAS669A – MAY 2014 – REVISED JANUARY 2015
5 Device Comparison Table
RESOLUTION
INTERFACE
(Bits)
25 MSPS
50 MSPS
80 MSPS
125 MSPS
160 MSPS
12
ADC3421
ADC3422
ADC3423
ADC3424
Serial LVDS
14
ADC3441
ADC3442
ADC3443
ADC3444
12
ADC34J22
ADC34J23
ADC34J24
ADC34J25
JESD204B
14
ADC34J42
ADC34J43
ADC34J44
ADC34J45
6 Pin Configuration and Functions
RGZ Package
VQFN-48
(Top View)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC34J22 ADC34J23 ADC34J24 ADC34J25


Podobny numer części - ADC34J2X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZ25 TI1-ADC34J22IRGZ25 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZR TI1-ADC34J22IRGZR Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZT TI1-ADC34J22IRGZT Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J23 TI1-ADC34J23 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
More results

Podobny opis - ADC34J2X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC324X TI1-ADC324X Datasheet
3Mb / 81P
[Old version datasheet]   The ADC324x are a high-linearity
logo
Richtek Technology Corp...
RT9074 RICHTEK-RT9074 Datasheet
188Kb / 16P
   The RT9074 family are high voltage
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
   High linearity
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
   High linearity
July 2015 Rev 2
STPTIC-27G2 STMICROELECTRONICS-STPTIC-27G2 Datasheet
472Kb / 11P
   High linearity
July 2015 Rev 1
logo
THOR communications
F-KBAND-T THOR-F-KBAND-T Datasheet
401Kb / 1P
   The F-KBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 25 GHz
F-SBAND-T THOR-F-SBAND-T Datasheet
425Kb / 1P
   The F-SBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 5 GHz
logo
ANADIGICS, Inc
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
   High Linearity SP3T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com