Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC39J82 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC39J82
Szczegółowy opis  Resolution: 16-Bit
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39J82 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button DAC39J82 Datasheet HTML 3Page - Texas Instruments DAC39J82 Datasheet HTML 4Page - Texas Instruments DAC39J82 Datasheet HTML 5Page - Texas Instruments DAC39J82 Datasheet HTML 6Page - Texas Instruments DAC39J82 Datasheet HTML 7Page - Texas Instruments DAC39J82 Datasheet HTML 8Page - Texas Instruments DAC39J82 Datasheet HTML 9Page - Texas Instruments DAC39J82 Datasheet HTML 10Page - Texas Instruments DAC39J82 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 144 page
background image
DAC39J82
www.ti.com
SLASE47 – JANUARY 2015
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
1000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
250
C101(2)
(1)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(2)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Recommended operating junction temperature
105
°C
TJ
Maximum rated operating junction temperature(1)
125
°C
TA
Recommended free-air temperature
-40
25
85
°C
(1)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate.
6.4 Thermal Information
DAC39J82
THERMAL CONDUCTIVITY(1)
UNIT
AAV (144 PINS)
RθJA
Theta junction-to-ambient (still air)
31.4
RθJB
Theta junction-to-board
12.6
RθJC
Theta junction-to-case, top
1.8
°C/W
ψJT
Psi junction-to-top of package
0.2
ψJB
Psi junction-to-bottom of package
12
(1)
Air flow or heat sinking reduces
θJA and may be required for sustained operation at 85° and maximum operating conditions.
6.5 DC Electrical Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
Bits
DC ACCURACY
DNL
Differential nonlinearity
±4
LSB
1 LSB = IOUTFS/2
16
INL
Integral nonlinearity
±6
LSB
ANALOG OUTPUT
Coarse gain linearity
±0.04
LSB
Offset error
Mid code offset
±0.001
%FSR
With external reference
±2
Gain error
%FSR
With internal reference
±2
Gain mismatch
With internal reference
±2
%FSR
Full scale output current
20
30
mA
Output compliance range
–0.5
0.6
V
Output resistance
300
k
Ω
Output capacitance
5
pF
REFERENCE OUTPUT
VREF
Reference output voltage
0.9
V
Reference output current(1)
100
nA
(1)
Use an external buffer amplifier with high impedance input to drive any external load.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC39J82


Podobny numer części - DAC39J82

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
3Mb / 147P
[Old version datasheet]   Digital-to-Analog Converter
DAC39J82IAAV TI1-DAC39J82IAAV Datasheet
3Mb / 147P
[Old version datasheet]   Digital-to-Analog Converter
DAC39J82IAAVR TI1-DAC39J82IAAVR Datasheet
3Mb / 147P
[Old version datasheet]   Digital-to-Analog Converter
DAC39J82 TI1-DAC39J82_16 Datasheet
3Mb / 147P
[Old version datasheet]   Digital-to-Analog Converter
More results

Podobny opis - DAC39J82

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MPC5606E NXP-MPC5606E Datasheet
1Mb / 68P
   16-bit resolution, cascadeable counters
Rev. 3, 11/2019
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Analog Devices
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
logo
Burr-Brown (TI)
DAC56 BURR-BROWN-DAC56 Datasheet
165Kb / 5P
   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com