Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM170808-1 Arkusz danych(PDF) 1 Page - DB Unlimited.

Numer części SM170808-1
Szczegółowy opis  Released from Engineering
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBUNLIMITED [DB Unlimited.]
Strona internetowa  http://www.dbunlimitedco.com/
Logo DBUNLIMITED - DB Unlimited.

SM170808-1 Arkusz danych(HTML) 1 Page - DB Unlimited.

  SM170808-1 Datasheet HTML 1Page - DB Unlimited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sales@dbunlimitedco.com | www.dbunlimitedco.com
©2013, DB Unlimited
Sheet
1 of 1
Value
Unit
Version
Date
Approved
Round
1
2/5/2014
J.S
800
(Hz)
250 ~ 10,000
(Hz)
90
(dBA)
8
(Ohm)
Mylar
0.8
(W)
1
(W)
Flush Mount
Drawn by
Date
Checked by
Date
Approved by
Date
- 30 ~ + 70
°C
G.W.
10/31/2013
C.E.
10/21/2013
J.S
2/5/2014
- 30 ~ + 70
°C
1.5
(g)
Description
Released from Engineering
Notes
2) All parts meet RoHS
Resonant Frequency
Impedance
1) All dimensions are in mm unless otherwise noted
Mount Type
Max Power
Weight
Storage Temperature
Revision History
Specifications
Frequency Range
SPL @ 10cm
Operating Temperature
SM170808-1
Dynamic Speaker
Shape
Description
Nominal Power
Cone Material


Podobny numer części - SM170808-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MIC GROUP RECTIFIERS
SM170 MIC-SM170 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SM170220 ETC2-SM170220 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
SM170380 ETC2-SM170380 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
SM170400 ETC2-SM170400 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
SM170415 ETC2-SM170415 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
More results

Podobny opis - SM170808-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Projects Unlimited, Inc...
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
   RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
   RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
   RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
   RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
   RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
   RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
   RELEASED FROM ENGINEERING
SMI-1324-TW-5V-R PUI-SMI-1324-TW-5V-R Datasheet
153Kb / 1P
   RELEASED FROM ENGINEERING
logo
DB Unlimited.
IE122303-1 DBUNLIMITED-IE122303-1 Datasheet
300Kb / 1P
   Released from Engineering
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com