Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM1060DS1 Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części SM1060DS1
Szczegółowy opis  10Amp. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1060DS1 Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1060DS1_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1060DS1_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM1060DS1
VOLTAGE 60 V
10Amp. Schottky Barrier Rectifiers
27-Mar-2014 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208
Polarity: As Marked
Mounting position: Any
Weight: 0.7 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
PARAMETER
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
60
V
Maximum RMS Voltage
VRMS
42
V
Maximum DC Blocking Voltage
VDC
60
V
Maximum Average Forward Rectified Current
IF
10
A
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
170
A
Maximum Instantaneous Forward Voltage @ 10A
VF
0.72
V
TA=25°C
0.2
Maximum DC Reverse Current at
VRRM Voltage Note 3
TA=100°C
IR
10
mA
Typical Junction Capacitance Note1
CJ
260
pF
Typical Thermal Resistance Note 2
RθJC
10
°C/W
Operating & Storage Temperature
TJ ,TSTG
-55~150
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Case. FR4 Board Heat sink size: 10*10*0.2mm.
3.
Pulse test: 300us pulse width, 1% duty cycle.
Pin 2
Pin 1
Pin 3
Package Configuration
TO-252 (D-Pack)
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.30 REF.
B
4.95
5.50
K
0.64
1.14
C
2.10
2.50
M
0.50
1.14
D
0.43
0.9
N
1.3
1.8
E
6.0
7.5
O
0
0.13
F
2.80 REF
P
0.58REF.
G
5.40
6.40
H
0.60
1.20


Podobny numer części - SM1060DS1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SM1060DS1 SECOS-SM1060DS1 Datasheet
165Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1060DS1 SECOS-SM1060DS1 Datasheet
371Kb / 2P
   VOLTAGE 60 V 10Amp. Schottky Barrier Rectifiers
More results

Podobny opis - SM1060DS1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MBR10100FP CYSTEKEC-MBR10100FP Datasheet
389Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200FP CYSTEKEC-MBR10200FP Datasheet
377Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200J3 CYSTEKEC-MBR10200J3 Datasheet
386Kb / 8P
   10Amp. Schottky Barrier Rectifiers
MBR1060E3 CYSTEKEC-MBR1060E3 Datasheet
157Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10150E3 CYSTEKEC-MBR10150E3 Datasheet
159Kb / 4P
   10Amp. Schottky Barrier Rectifiers
SK1040J3 CYSTEKEC-SK1040J3 Datasheet
250Kb / 6P
   10Amp. Schottky Barrier Rectifiers
MBR10100E3 CYSTEKEC-MBR10100E3 Datasheet
158Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR1060FP CYSTEKEC-MBR1060FP Datasheet
161Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10120FP CYSTEKEC-MBR10120FP Datasheet
161Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM10200DS1 SECOS-SM10200DS1 Datasheet
190Kb / 2P
   10Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com