Zakładka z wyszukiwarką danych komponentów |
|
U05007NOTG Arkusz danych(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
U05007NOTG Arkusz danych(HTML) 1 Page - Tripp Lite. All Rights Reserved |
1 / 2 page USB 2.0 OTG Cable with 2-in-1 Connector - Combo A Male + Micro-B Male to Micro-B Male, 7-in. MODEL NUMBER: U050-07N-OTG Description Tripp Lite's U050-07N-OTG is a unique, OTG (On-the-Go) syncing cable which has a retractable USB Micro-B Male connector built into the standard USB A-Male connector. The cable can be used as a Micro-B to Micro-B OTG cable, or a standard Micro-B to USB cable. With the retractable Micro-B connector pulled out, it acts as an OTG cable, connecting a Micro-B device to an OTG compliant Micro-B device for charging and access to files. With the retractable USB Micro-B connector pushed back in, it acts as a standard Micro-B cable, connecting your device to a computer for sync and charging. Features OTG (On-the-Go) syncing cable with unique USB Micro-B / USB combo connector with retractable Micro-B Acts as an OTG cable with the retractable Micro-B connector pulled out, connecting a Micro-B device to an OTG compliant Micro-B device for charging and access to files Push the retractable USB Micro-B connector back in to use the cable as a standard Micro-B cable, connecting your device to a computer for sync and charging USB 2.0 cable; 7-in. Specifications OVERVIEW Cable Type USB OUTPUT USB Charging Yes Highlights OTG (On-the-Go) syncing cable with unique USB Micro-B / USB combo connector with retractable Micro-B Acts as an OTG cable with the retractable Micro-B connector pulled out, connecting a Micro-B device to an OTG compliant Micro-B device for charging and access to files Push the retractable USB Micro-B connector back in to use the cable as a standard Micro-B cable, connecting your device to a computer for sync and charging Applications Sync a smartphone or tablet to a computer, or connect one smart device to an OTG compatible smart device Package Includes USB 2.0 OTG Cable with 2-in-1 Connector - Combo A Male + Micro-B Male to Micro-B Male, 7-in. 1 / 2 |
Podobny numer części - U05007NOTG |
|
Podobny opis - U05007NOTG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |