Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ479(L) Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SJ479(L)
Szczegółowy opis  Silicon P Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ479(L) Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SJ479(L)_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ479(L)_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ479(L)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ479(L)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ479(L)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ479(L)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ479(L)_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ479(L)_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ479(L)_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SJ479(L), 2SJ479(S)
Rev.3.00 Jun 05, 2006 page 2 of 7
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
–30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
–30
A
Drain peak current
ID (pulse)
Note 1
–120
A
Body to drain diode reverse drain current
IDR
–30
A
Channel dissipation
Pch
Note 2
50
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
–30
V
ID = –10 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±20
V
IG =
±100 µA, VDS = 0
Zero gate voltage drain current
IDSS
–10
µA
VDS = –30 V, VGS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±16 V, VDS = 0
Gate to source cutoff voltage
VGS (off)
–1.0
–2.0
V
ID = –1 mA, VDS = –10 V
RDS (on)
25
35
m
ID = –15 A, VGS = –10 V
Note 3
Static drain to source on state resistance
RDS (on)
40
60
m
ID = –15 A, VGS = –4 V
Note 3
Forward transfer admittance
|yfs|
12
20
S
ID = –15 A, VDS = –10 V
Note 3
Input capacitance
Ciss
1700
pF
Output capacitance
Coss
950
pF
Reverse transfer capacitance
Crss
260
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
20
ns
Rise time
tr
290
ns
Turn-off delay time
td (off)
170
ns
Fall time
tf
130
ns
VGS = –10 V
ID = –15 A
RL = 0.67
Body to drain diode forward voltage
VDF
–1.1
V
IF = –30 A, VGS = 0
Body to drain diode reverse recovery time
trr
70
ns
IF = –30 A, VGS = 0
diF/dt = 50 A/
µs
Note:
3. Pulse test


Podobny numer części - 2SJ479(L)_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ479 HITACHI-2SJ479 Datasheet
38Kb / 7P
   Silicon P Channel DV-L MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ479 RENESAS-2SJ479 Datasheet
91Kb / 8P
   Silicon P Channel MOS FET
logo
Hitachi Semiconductor
2SJ479L HITACHI-2SJ479L Datasheet
38Kb / 7P
   Silicon P Channel DV-L MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ479L RENESAS-2SJ479L Datasheet
91Kb / 8P
   Silicon P Channel MOS FET
2SJ479L-E RENESAS-2SJ479L-E Datasheet
91Kb / 8P
   Silicon P Channel MOS FET
More results

Podobny opis - 2SJ479(L)_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com