Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL2203S Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRL2203S
Szczegółowy opis  Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRL2203S Arkusz danych(HTML) 9 Page - International Rectifier

  IRL2203S Datasheet HTML 1Page - International Rectifier IRL2203S Datasheet HTML 2Page - International Rectifier IRL2203S Datasheet HTML 3Page - International Rectifier IRL2203S Datasheet HTML 4Page - International Rectifier IRL2203S Datasheet HTML 5Page - International Rectifier IRL2203S Datasheet HTML 6Page - International Rectifier IRL2203S Datasheet HTML 7Page - International Rectifier IRL2203S Datasheet HTML 8Page - International Rectifier IRL2203S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRL2203S
Tape & Reel — D2Pak
Dimensions are shown in millimeters (inches)
3
4
4
TR R
F E E D D IRE CT IO N
1 .85 ( .07 3)
1 .65 ( .06 5)
1 .60 (.063 )
1 .50 (.059 )
4.10 ( .16 1)
3.90 ( .15 3)
TR L
F E E D D IRE CT IO N
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11. 60 (. 457)
11. 40 (. 449)
15. 42 (. 609)
15. 22 (. 601)
4.72 (.136)
4.52 (.178)
24. 30 (. 957)
23. 90 (. 941)
0.368 (.0145)
0.342 (.0135)
1. 60 (. 063)
1. 50 (. 059)
13. 50 (.532)
12. 80 (.504)
330.00
(14.173)
MAX.
27.40 (1 . 079)
23.90 (. 941)
60 .00 (2. 362)
M IN .
30. 40 (1 .197)
M A X .
26.40 (1.039)
24.40 (.961)
NO TE S :
1.
CO MFO RMS T O E IA -4 1 8.
2.
CO NT RO L LI N G D I ME NS IO N: MIL L IME TE R.
3.
DIME N S I O N ME A S URE D @ H U B .
4.
IN C L U D ES F LAN G E D IST OR T IO N @ O U T E R ED GE.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
7/96


Podobny numer części - IRL2203S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL2203 IRF-IRL2203 Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
logo
Inchange Semiconductor ...
IRL2203N ISC-IRL2203N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRL2203NL IRF-IRL2203NL Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NLPBF IRF-IRL2203NLPBF Datasheet
231Kb / 11P
   HEXFET짰 Power MOSFET
More results

Podobny opis - IRL2203S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com