Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL3103D2 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRL3103D2
Szczegółowy opis  FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=54A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRL3103D2 Arkusz danych(HTML) 1 Page - International Rectifier

  IRL3103D2 Datasheet HTML 1Page - International Rectifier IRL3103D2 Datasheet HTML 2Page - International Rectifier IRL3103D2 Datasheet HTML 3Page - International Rectifier IRL3103D2 Datasheet HTML 4Page - International Rectifier IRL3103D2 Datasheet HTML 5Page - International Rectifier IRL3103D2 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRL3103D2
PRELIMINARY
PD 9.1660
7/16/97
Description
The FETKY family of copackaged HEXFET power
MOSFETs and Schottky Diodes offer the designer an
innovative board space saving solution for switching
regulator applications. A low on resistance Gen 5
MOSFET with a low forward voltage drop Schottky
diode and minimized component interconnect
inductance and resistance result in maximized
converter efficiencies.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220
contribute to its wide acceptance throughout the
industry.
l Copackaged HEXFET® Power MOSFET
and Schottky Diode
l Generation 5 Technology
l Logic Level Gate Drive
l Minimize Circuit Inductance
l Ideal For Synchronous Regulator Application
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
54
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
34
A
IDM
Pulsed Drain Current

220
PD @TA = 25°C
Power Dissipation
2.0
W
PD @TC = 25°C
Power Dissipation
70
W
Linear Derating Factor
0.56
W/°C
VGS
Gate-to-Source Voltage
± 16
V
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
°C
Absolute Maximum Ratings
VDSS = 30V
RDS(on) = 0.014Ω
ID = 54A
FETKYTM MOSFET & SCHOTTKY RECTIFIER
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.8
RθJA
Junction-to-Ambient
–––
62
°C/W
Thermal Resistance
G
D
S
TO-220AB


Podobny numer części - IRL3103D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL3103D2PBF IRF-IRL3103D2PBF Datasheet
155Kb / 7P
   FETKY MOSFET & SCHOTTKY RECTIFIER
More results

Podobny opis - IRL3103D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL3103D1S IRF-IRL3103D1S Datasheet
126Kb / 7P
   FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D1 IRF-IRL3103D1 Datasheet
94Kb / 6P
   FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRF7523D1 IRF-IRF7523D1 Datasheet
204Kb / 8P
   FETKY??MOSFET / Schottky Diode(Vdss=30V, Rds(on)=0.11ohm, Schottky Vf=0.39V)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRF7526D1 IRF-IRF7526D1 Datasheet
120Kb / 8P
   FETKY??MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
IRFP4710 IRF-IRFP4710 Datasheet
103Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)max=0.014ohm, Id=72A)
IRFB4710 IRF-IRFB4710 Datasheet
245Kb / 11P
   Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A)
IRF5803D2 IRF-IRF5803D2 Datasheet
127Kb / 11P
   FETKY??MOSFET & Schottky Diode(Vdss=-40V, Rds(on)=112ohm)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com