Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GSR62 Arkusz danych(PDF) 1 Page - Mercury United Electronics Inc

Numer części GSR62
Szczegółowy opis  SMD True Sine wave 6 pads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MERCURY [Mercury United Electronics Inc]
Strona internetowa  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

GSR62 Arkusz danych(HTML) 1 Page - Mercury United Electronics Inc

  GSR62 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Range
10.0 ~ 30.0 MHz
Output Wave Form
True Sine wave output
General Specifications
3.3 V
GSR62 series
VCXO [ Voltage Controlled Crystal Oscillators ]
Paramenters
Electrical Spec.
High purity and low total harmonic distortion. Ideal for audio applications
" I20 " ± 20 ppm over -40°C to +85°C
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
-140
-145
-147
-150
Outline Dimensions ( Unit : mm )
Phase Noise ( typical ) [ 13.0 MHz at 3.3V ]
F
dBc / Hz
-90
-123
3.3 V ± 5 %
Applications :
Storage Temperature
- 50°C to 100°C
Aging
± 3 ppm per year (max.)
Voltage Control Range
0.0 V to VDD with control voltage center at 50% of VDD
Current Consumption ( typical )
Linearity
Input Voltage ( VDD)
Modulation Bandwidth ( at -3 dB)
Output Level
Harmonics
< - 25dBc (frequency dependent)
1.0 V p-p ( typical )
Frequency Stability
(1) Codes
Frequency Stability over
± 25 ppm ± 50 ppm
Industrial ( -40°C to +85°C )
DE
If non-standard , please enter the
Operating Temperature Range
desired stability after the " C " or " I "
Commercial ( -10°C to +70°C )
AB
C
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
± 100 ppm
Mercury www .mercury-crystal.com
10 KHz 100KHz 1 MHz 10 MHz
-135
Offset
10 Hz 100 Hz
1K Hz
±10 % ( max.)
Load
25 KHz ( min.)
1.1 mA
Start - Up Time (Ts)
2.0 m Sec.( typ.)
10 KΩ // 10 pF load
Input Impedance
> 0.5 M Ω
Frequency Deviation Range
Standard : ± 80 ppm ( min. )
Control Voltage Center / Control Voltage Range
1.65 VDC / 0.3V to 3.0V
Initial Freq. Accuracy ( at 25 °C )
To tune to the nomial frequency with Vc = 1.65V ± 0.2V
11.4 x 9.6 x 2.5 mm
SMD True Sine wave 6 pads


Podobny numer części - GSR62

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EUROQUARTZ limited
GSR62 EUROQUARTZ-GSR62 Datasheet
99Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
More results

Podobny opis - GSR62

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mercury United Electron...
GSR43 MERCURY-GSR43 Datasheet
102Kb / 1P
   SMD True Sine wave
GSR57 MERCURY-GSR57 Datasheet
103Kb / 1P
   SMD True Sine wave
GSR53 MERCURY-GSR53 Datasheet
103Kb / 1P
   SMD True Sine wave
GSR42 MERCURY-GSR42 Datasheet
103Kb / 1P
   SMD True Sine wave
GS14 MERCURY-GS14 Datasheet
121Kb / 1P
   Dip type True Sine wave
GSR8 MERCURY-GSR8 Datasheet
104Kb / 1P
   Dip type True Sine wave
GSR14 MERCURY-GSR14 Datasheet
104Kb / 1P
   Dip type True Sine wave
logo
Mean Well Enterprises C...
TS-3000 MEANWELL-TS-3000_12 Datasheet
864Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000_11 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000_1012 MEANWELL-TS-3000_1012 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com