Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSY5829P Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części SSY5829P
Szczegółowy opis  P-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSY5829P Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSY5829P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSY5829P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSY5829P_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSY5829P_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSY5829P
-2.5 A, -20 V, RDS(ON) 0.110 
P-Channel Enhancement MOSFET
With Schottky Diode
14-Jan-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1206-8CF
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
RDS(on) and to ensure minimal power loss and
heat dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers,PCMCIA cards, cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
1206-8CF saves board space.
Fast switching speed.
High performance trench technology.
PACKAGE INFORMATION
Package
MPQ
LeaderSize
1206-8CF
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage (MOSFET)
VDS
-20
V
Reverse Voltage (Schottky)
VKA
20
V
Gate-Source Voltage (MOSFET)
VGS
±8
V
TA=25°C
-2.5
Continuous Drain Current(TJ=150°C )(MOSFET)
1
TA=70°C
ID
-1.9
A
Pulsed Drain Current (MOSFET)
2
IDM
-10
A
Continuous Source Current (MOSFET Diode Conduction)
1
IS
-1.6
A
Average Forward Current (Schottky)
IF
0.5
A
Pulse Forward Current (Schottky)
IFM
8
A
TA=25°C
2.1
Maximum Power Dissipation (MOSFET)
1
TA=70°C
1.1
TA=25°C
1.3
Maximum Power Dissipation (Schottky)
1
TA=70°C
PD
0.68
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
t≦5 sec
50
60
Maximum Junction to Ambient
1
Steady State
RθJA
90
110
°C/W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.10
M
0.08
0.25
B
3.00
3.05
a
1.70
1.73
C
3.00
3.05
b
0.24
0.35
D
0.65
0.70
L
0.20
0.40
E
1.95
2.00
L1
0
0.1
F
0.70
0.90



A
A
C
C
G
S
D
D


Podobny numer części - SSY5829P_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SSY5829P SECOS-SSY5829P Datasheet
656Kb / 4P
   P-Channel Enhancement MOSFET With Schottky Diode
More results

Podobny opis - SSY5829P_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com