Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ551(L) Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części 2SJ551(L)
Szczegółowy opis  Silicon P Channel MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ551(L) Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  2SJ551(L)_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ551(L)_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ551(L)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ551(L)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ551(L)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ551(L)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ551(L)_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ551(L)_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ551(L)_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev.4.00 Sep 07, 2005 page 1 of 8
2SJ551(L), 2SJ551(S)
Silicon P Channel MOS FET
REJ03G0898-0400
(Previous: ADE-208-647B)
Rev.4.00
Sep 07, 2005
Description
High speed power switching
Features
• Low on-resistance
RDS (on) = 0.050 Ω typ.
• Low drive current.
• 4 V gate drive devices.
• High speed switching.
Outline
RENESAS Package code: PRSS0004AE-A
(Package name: LDPAK (L) )
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK (S)-(1) )
1. Gate
2. Drain
3. Source
4. Drain
D
G
S
1
2
3
4
1
2
3
4


Podobny numer części - 2SJ551(L)_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ551 HITACHI-2SJ551 Datasheet
55Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
logo
Hitachi Semiconductor
2SJ551L HITACHI-2SJ551L Datasheet
55Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ551L RENESAS-2SJ551L Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551L-E RENESAS-2SJ551L-E Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results

Podobny opis - 2SJ551(L)_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com