Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1100C1111 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części SD1100C1111
Szczegółowy opis  STANDARD RECOVERY DIODES Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

SD1100C1111 Arkusz danych(HTML) 1 Page - International Rectifier

  SD1100C1111 Datasheet HTML 1Page - International Rectifier SD1100C1111 Datasheet HTML 2Page - International Rectifier SD1100C1111 Datasheet HTML 3Page - International Rectifier SD1100C1111 Datasheet HTML 4Page - International Rectifier SD1100C1111 Datasheet HTML 5Page - International Rectifier SD1100C1111 Datasheet HTML 6Page - International Rectifier SD1100C1111 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SD1100C..C SERIES
STANDARD RECOVERY DIODES
Hockey Puk Version
1400A
Bulletin I2072/B
Features
Wide current range
High voltage ratings up to 3200V
High surge current capabilities
Diffused junction
Hockey Puk version
Case style B-43
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Parameters
Units
SD1100C..C
04 to 20
25 to 32
I
F(AV)
1400
1100
A
@ T
hs
55
55
°C
I
F(RMS)
2500
2000
A
@ T
hs
25
25
°C
I
FSM
@ 50Hz
13000
10500
A
@ 60Hz
13600
11000
A
I
2t
@ 50Hz
846
551
KA
2s
@ 60Hz
772
503
KA
2s
V
RRM
range
400 to 2000
2500 to 3200
V
T
J
- 40 to 180
- 40 to 150
°C
Major Ratings and Characteristics
case style B-43
Next Data Sheet
Index
Previous Datasheet
To Order


Podobny numer części - SD1100C1111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1100C12C VISHAY-SD1100C12C Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
SD1100C12C VISHAY-SD1100C12C Datasheet
168Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
logo
TRANSYS Electronics Lim...
SD1100C12L TEL-SD1100C12L Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD1100C16C VISHAY-SD1100C16C Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
SD1100C16C VISHAY-SD1100C16C Datasheet
168Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
More results

Podobny opis - SD1100C1111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C IRF-SD1100C Datasheet
226Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com