Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD303C14S15 Arkusz danych(PDF) 8 Page - International Rectifier

Numer części SD303C14S15
Szczegółowy opis  FAST RECOVERY DIODES Hockey Puk Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

SD303C14S15 Arkusz danych(HTML) 8 Page - International Rectifier

  SD303C14S15 Datasheet HTML 1Page - International Rectifier SD303C14S15 Datasheet HTML 2Page - International Rectifier SD303C14S15 Datasheet HTML 3Page - International Rectifier SD303C14S15 Datasheet HTML 4Page - International Rectifier SD303C14S15 Datasheet HTML 5Page - International Rectifier SD303C14S15 Datasheet HTML 6Page - International Rectifier SD303C14S15 Datasheet HTML 7Page - International Rectifier SD303C14S15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SD303C..C Series
2222222222222
12
D-658
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Case Style DO-200AA
All dimensions in millimeters (inches)
0.3 (0.01) MIN.
BOTH ENDS
38 (1.50) DIA. MAX.
TWO PLACES
3.5(0.14) ± 0.1(0.004) DIA. NOM.x
1.8 (0.07) DEEP MIN. BOTH ENDS
19(0.75) DIA. MAX.
To Order
Next Data Sheet
Index
Previous Datasheet


Podobny numer części - SD303C14S15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD303C14S15C VISHAY-SD303C14S15C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
SD303C14S15C VISHAY-SD303C14S15C Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

Podobny opis - SD303C14S15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com