Zakładka z wyszukiwarką danych komponentów |
|
SD253N16S15PBV Arkusz danych(PDF) 1 Page - International Rectifier |
|
SD253N16S15PBV Arkusz danych(HTML) 1 Page - International Rectifier |
1 / 7 page 250A FAST RECOVERY DIODES Stud Version SD253N/R SERIES 1 Bulletin I2065 rev. A 09/94 www.irf.com Features High power FAST recovery diode series 1.5 to 2.0 µs recovery time High voltage ratings up to 1600V High current capability Optimized turn on and turn off characteristics Low forward recovery Fast and soft reverse recovery Compression bonded encapsulation Stud version JEDEC DO-205AB (DO-9) Maximum junction temperature 125°C Typical Applications Snubber diode for GTO High voltage free-wheeling diode Fast recovery rectifier applications I F(AV) 250 A @ T C 85 °C I F(RMS) 392 A I FSM @ 50Hz 5350 A @ 60Hz 5600 A I2t@ 50Hz 143 KA2s @ 60Hz 130 KA2s V RRM range 400 to 1600 V t rr range 1.5 to 2.0 µs @ T J 25 °C T J - 40 to 125 °C Parameters SD253N/R Units Major Ratings and Characteristics case style DO-205AB (DO-9) |
Podobny numer części - SD253N16S15PBV |
|
Podobny opis - SD253N16S15PBV |