Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST180S18M2V Arkusz danych(PDF) 2 Page - International Rectifier

Numer części ST180S18M2V
Szczegółowy opis  PHASE CONTROL THYRISTORS Stud Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST180S18M2V Arkusz danych(HTML) 2 Page - International Rectifier

  ST180S18M2V Datasheet HTML 1Page - International Rectifier ST180S18M2V Datasheet HTML 2Page - International Rectifier ST180S18M2V Datasheet HTML 3Page - International Rectifier ST180S18M2V Datasheet HTML 4Page - International Rectifier ST180S18M2V Datasheet HTML 5Page - International Rectifier ST180S18M2V Datasheet HTML 6Page - International Rectifier ST180S18M2V Datasheet HTML 7Page - International Rectifier ST180S18M2V Datasheet HTML 8Page - International Rectifier ST180S18M2V Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
200A
PHASE CONTROL THYRISTORS
Stud Version
ST180S SERIES
Bulletin I25165/B
Features
Center amplifying gate
Hermetic metal case with ceramic insulator
(Also available with glass-metal seal up to 1200V)
International standard case TO-209AB (TO-93)
Threaded studs UNF 3/4 - 16UNF2A or ISO M16x1.5
Compression Bonded Encapsulation for heavy duty
operations such as severe thermal cycling
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
200
A
@ T
C
85
°C
I
T(RMS)
314
A
I
TSM
@ 50Hz
5000
A
@ 60Hz
5230
A
I
2t
@ 50Hz
125
KA
2s
@ 60Hz
114
KA
2s
V
DRM
/V
RRM
400 to 2000
V
t
q
typical
100
µs
T
J
- 40 to 125
°C
Parameters
ST180S
Units
Major Ratings and Characteristics
case style
TO-209AB (TO-93)
Next Data Sheet
Index
Previous Datasheet
To Order


Podobny numer części - ST180S18M2V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
ST180S12 ISC-ST180S12 Datasheet
202Kb / 2P
   Phase Control Thyristors
logo
International Rectifier
ST180S12P0 IRF-ST180S12P0 Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
ST180S12P0V IRF-ST180S12P0V Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
ST180S12P1 IRF-ST180S12P1 Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
ST180S12P1V IRF-ST180S12P1V Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Podobny opis - ST180S18M2V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com