Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD203R14S15MSC Arkusz danych(PDF) 8 Page - International Rectifier

Numer części SD203R14S15MSC
Szczegółowy opis  FAST RECOVERY DIODES Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

SD203R14S15MSC Arkusz danych(HTML) 8 Page - International Rectifier

  SD203R14S15MSC Datasheet HTML 1Page - International Rectifier SD203R14S15MSC Datasheet HTML 2Page - International Rectifier SD203R14S15MSC Datasheet HTML 3Page - International Rectifier SD203R14S15MSC Datasheet HTML 4Page - International Rectifier SD203R14S15MSC Datasheet HTML 5Page - International Rectifier SD203R14S15MSC Datasheet HTML 6Page - International Rectifier SD203R14S15MSC Datasheet HTML 7Page - International Rectifier SD203R14S15MSC Datasheet HTML 8Page - International Rectifier SD203R14S15MSC Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SD203N/R Series
8
www.irf.com
Bulletin I2064 rev. A 09/94
Fig.13 - Recovery Time Characteristics
Fig. 15 - Recovery Current Characteristics
Fig. 14 - Recovery Charge Characteristics
Fig.16 - Recovery Time Characteristics
Fig. 17 - Recovery Charge Characteristics
Fig. 18 - Recovery Current Characteristics
Fig. 19 - Maximum Total Energy Loss Per Pulse Characteristics
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
4
2
0.1
0.2
0.4
0.02
0.04
Pulse Basewidth (µs)
20 joules per pulse
0.01
Sinusoida l Pulse
10
dv/dt = 1000V/µs
SD203N/R..S10 Series
T = 125°C, V
= 1120V
RRM
J
1E1
1E2
1E3
1E4
1
2
0.2
0.4
Pulse Basewidth (µs)
10
20 joules per pulse
4
0.1
0.06
SD203N/R..S1 0 Series
Trapezoidal Pulse
T = 125°C, V
= 1120V
RRM
dv/dt=1000V/µs, di/dt=50A/µs
J
tp
1E1
10
20
30
40
50
60
70
80
90
100
110
120
130
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD203N/R..S15 Series
T = 125 °C, V = 30V
J
r
50
60
70
80
90
100
110
120
130
140
150
160
170
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD203N/R..S15 Series
T = 125 °C, V = 30V
J
r
1.6
2
2.4
2.8
3.2
3.6
10
100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD203N/R..S15 Series
T = 125 °C, V = 30V
r
J
20
30
40
50
60
70
80
90
100
110
120
130
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD203N/R..S20 Series
T = 125 °C, V = 30V
J
r
2.4
2.6
2.8
3
3.2
3.4
3.6
10
100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD203N/R..S20 Series
T = 125 °C, V = 30V
J
r
50
100
150
200
250
300
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD203N/R..S20 Series
T = 125 °C, V = 30V
J
r


Podobny numer części - SD203R14S15MSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Calogic, LLC
SD203DC CALOGIC-SD203DC Datasheet
27Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD203DC CALOGIC-SD203DC Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
SD203DC CALOGIC-SD203DC Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
logo
TRANSYS Electronics Lim...
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
Vishay Siliconix
SD203N/R04S10 VISHAY-SD203N/R04S10 Datasheet
258Kb / 10P
   Fast Recovery Diodes (Stud Version), 200 A
Revision: 08-Apr-08
More results

Podobny opis - SD203R14S15MSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com