Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U18680EJ1V0PM00 Arkusz danych(PDF) 5 Page - Renesas Technology Corp

Numer części U18680EJ1V0PM00
Szczegółowy opis  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

U18680EJ1V0PM00 Arkusz danych(HTML) 5 Page - Renesas Technology Corp

  U18680EJ1V0PM00_15 Datasheet HTML 1Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 2Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 3Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 4Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 5Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 6Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 7Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 8Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Preliminary Product Information U18680EJ1V0PM00
3
µ PD78F9221CS, 78F9222CS
OVERVIEW OF FUNCTIONS
Item
µPD78F9221CS
µPD78F9222CS
Flash memory
2 KB
4 KB
Internal
memory
High-speed RAM
128 bytes
256 bytes
Memory space
64 KB
X1 input clock (oscillation frequency)
Crystal/ceramic/external clock input:
10 MHz (VDD = 2.0 to 5.5 V)
High speed (oscillation
frequency)
Internal oscillation: 8 MHz (TYP.)
Internal
oscillation
clock
Low speed (for TMH1
and WDT)
Internal oscillation: 240 kHz (TYP.)
General-purpose registers
8 bits
× 8 registers
Instruction execution time
0.2
µs/0.4 µs/0.8 µs/1.6 µs/3.2 µs (X1 input clock: fX = 10 MHz)
I/O port
Total:
17 pins
CMOS I/O:
15 pins
CMOS input:
1 pin
CMOS output:
1 pin
Timer
• 16-bit timer/event counter: 1 channel
• 8-bit timer (timer H1):
1 channel
• 8-bit timer (timer 80):
1 channel
• Watchdog timer:
1 channel
Timer output
2 pins (PWM: 1 pin)
A/D converter
10-bit resolution
× 4 channels
Serial interface
LIN-bus-supporting UART mode: 1 channel
External
4
Vectored
interrupt sources
Internal
9
Reset
Reset by RESET pin
Internal reset by watchdog timer
Internal reset by power-on clear
• Internal reset by low-voltage detector
Supply voltage
VDD = 2.0 to 5.5 V
Note
Operating temperature range
TA =
−40 to +85°C
Package
20-pin plastic SDIP
Note Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on- clear
(POC) circuit is 2.1 V
±0.1 V.


Podobny numer części - U18680EJ1V0PM00_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
U18 UTC-U18 Datasheet
240Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
U18 UTC-U18 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
logo
C&K Components
U18 CK-COMPONENTS-U18 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Unisonic Technologies
U18-G03-D-K UTC-U18-G03-D-K Datasheet
240Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
U18-G03-K UTC-U18-G03-K Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
More results

Podobny opis - U18680EJ1V0PM00_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com