Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U19858EJ1V0PM00 Arkusz danych(PDF) 9 Page - Renesas Technology Corp

Numer części U19858EJ1V0PM00
Szczegółowy opis  16-BIT SINGLE-CHIP MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

U19858EJ1V0PM00 Arkusz danych(HTML) 9 Page - Renesas Technology Corp

Back Button U19858EJ1V0PM00_15 Datasheet HTML 5Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 6Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 7Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 8Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 9Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 10Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 11Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 12Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
7
μPD78F8056, 78F8057, 78F8058
Preliminary Product Information U19858EJ1V0PM
7. PORT
(1)
Port functions
Function Name
I/O
Function
After Reset
Alternate Function
P02
SO10/TxD1
P03
SI10/RxD1/SDA10
P04
I/O
Port 0.
3-bit I/O port
Output of P02 to P04 can be set to N-ch open-drain output
(VDD tolerance).
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a software
setting.
Input port
SCK10/SCL10
P13
TxD3
P14
RxD3
P15
RTCDIV/RTCCL/
GPIO2
P16
I/O
Port 1.
4-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a software
setting.
Input port
TI01/TO01/INTP5/
GPIO3
P31
I/O
Port 3.
1-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a software
setting.
Input port
TI03/TO03/INTP4
P40
Note
TOOL0
P41
I/O
Port 4.
2-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a software
setting.
Input port
TOOL1
P76
I/O
Port 7.
1-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a software
setting.
Input port
INTP10
P120
I/O
INTP0/EXLVI
P121
X1
P122
X2/EXCLK
P123
XT1
P124
Input
Port 12.
1-bit I/O port and 4-bit input port.
For only P120, use of an on-chip pull-up resistor can be specified
by a software setting.
Input port
XT2
P130
Output
Port 13.
1-bit output port.
Output port
P144
I/O
Port 14.
1-bit I/O port.
Output of P144 can be set to the N-ch open-drain output (VDD
tolerance).
Input/output can be specified in 1-bit units.Use of an on-chip
pull-up resistor can be specified by a software setting.
Input port
TxD2
GPIO0
I/O
1-bit I/O port of RF transceiver control.
Input port
GPIO1
I/O
1-bit I/O port of RF transceiver control.
Input port
GPIO2
I/O
1-bit I/O port of RF transceiver control.
Input port
P15/RTCDIV/
RTCCL
GPIO3
I/O
1-bit I/O port of RF transceiver control.
Input port
P16/TI01/TO01/
INTP5
Note
If on-chip debugging is enabled by using an option byte, be sure to pull up the P40/TOOL0 pin externally


Podobny numer części - U19858EJ1V0PM00_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U198 ETC2-U198 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U198 ETC2-U198 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
More results

Podobny opis - U19858EJ1V0PM00_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com