Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U19858EJ1V0PM00 Arkusz danych(PDF) 11 Page - Renesas Technology Corp

Numer części U19858EJ1V0PM00
Szczegółowy opis  16-BIT SINGLE-CHIP MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

U19858EJ1V0PM00 Arkusz danych(HTML) 11 Page - Renesas Technology Corp

Back Button U19858EJ1V0PM00_15 Datasheet HTML 7Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 8Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 9Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 10Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 11Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 12Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 13Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 14Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
9
μPD78F8056, 78F8057, 78F8058
Preliminary Product Information U19858EJ1V0PM
(2)
Non-port functions
(2/2)
Function Name
I/O
Function
After Reset
Alternate Function
VDD_RF1
RF power supply. Bypass with a capacitor as close to the pin as
possible.
VDD_RF2
RF power supply. Bypass with a capacitor as close to the pin as
possible.
VDD_GR
Guard ring power supply. Bypass with a capacitor as close to the
pin as possible.
VDD_D
Digital circuit power supply.
VDD_BG
Power supply for band gap reference circuit. Bypass with
capacitor as close to the pin as possible.
VDD_A
Power supply for an analog circuit. Bypass with a capacitor as
close to the pin as possible.
VDD_PLL
PLL power supply. Bypass with a capacitor as close to the pin as
possible.
VDD_CP
Charge pump power supply. Bypass with a capacitor as close to
the pin as possible.
VDD_VCO
VCO supply. Bypass with a capacitor as close to the pin as
possible.
GND_GR
Guard ring ground
GND_D
Ground for digital circuit
GND_PLL
Ground for a PLL
VDD_2V2
DC-DC output voltage
XTAL_N
32 MHz Crystal input (-)
XTAL_P
32 MHz Crystal input (+)
RF_P
Output
Differential RF input/output (+)
Output
RF_N
Output
Differential RF input/output (-)
Output
CLK_OUT
Output
32/16/8/4/2/1 MHz Clock output
Input
INT_RF
Output
Interrupt pin of RF transceiver to the MCU.
Output
WAKE_RF
Input
External wake up trigger to RF transceiver.
Input
RESET_RF
Input
Global hardware reset pin, active low.
Input
LOOP_C
PLL loop filter external capacitor. Connected to the external (39
pF: target) capacitor.
IC0-2
Input
Internal connection.
Input
IC3-6
Internal connection.
GND1
exposed die pad
Make these pins the same potential as VSS.


Podobny numer części - U19858EJ1V0PM00_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U198 ETC2-U198 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U198 ETC2-U198 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
More results

Podobny opis - U19858EJ1V0PM00_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com