Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS53 Arkusz danych(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Numer części SS53
Szczegółowy opis  Surface Mount Schottky Barrier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Strona internetowa  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SS53 Arkusz danych(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SS53 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SS53 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SS53 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SS53 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SS53 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.0
2.0
3.0
4.0
5.0
6.0
LEAD TEMPERATURE,(°C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0.001
0.01
0.1
1.0
100
10
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100
20V~40V
50V~200V
TJ=25°C
TJ=100°C
0.1
1.0
.01
10
50
3.0
.1
.3
.5
.7
.9
1.1
1.3
1.5
80V ~ 100V
FIG.2-TYPICAL FORWARD
50V ~ 60V
FORWARD VOLTAGE,(V)
CHARACTERISTICS
20V ~ 40V
Pulse Width 300us
1% Duty Cycle
T =25 C
J
150V~200V
-
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


Podobny numer części - SS53

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Jingheng (Group) ...
SS53 JINANJINGHENG-SS53 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SS53 DAESAN-SS53 Datasheet
550Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS53 JUXING-SS53 Datasheet
534Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Yixinwei Techn...
SS53 YIXIN-SS53 Datasheet
72Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS53 YANGJIE-SS53 Datasheet
156Kb / 2P
   Schottky Rectifier
More results

Podobny opis - SS53

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com