Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDV240E Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KDV240E
Szczegółowy opis  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF RADIO)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV240E Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KDV240E Datasheet HTML 1Page - KEC(Korea Electronics) KDV240E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 1. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV240E
Revision No : 0
VCO FOR UHF Band Radio.
FEATURES
High Capacitance Ratio : C1V/C4V =2.1(Typ.)
Low Series Resistance : rs=0.28 (Typ.)
Useful for Small Size Tuner.
MAXIMUM RATING (Ta=25 )
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
Type Name
Marking
E C
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
10
V
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1 A
10
-
-
V
Reverse Current
IR
VR=10V
-
-
3
nA
Capacitance
C1V
VR=1V, f=1MHz
9.7
-
11.1
pF
C4V
VR=4V, f=1MHz
4.45
-
5.45
Capacitance Ratio
K
C1V/C4V, f=1MHz
1.8
2.1
-
Series Resistance
rS
VR=1V, f=470MHz
-
0.28
0.4


Podobny numer części - KDV240E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KDV240E KEC-KDV240E Datasheet
38Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV240E KEC-KDV240E Datasheet
21Kb / 1P
   ESC PACKAGE
KDV240E_0302 KEC-KDV240E_0302 Datasheet
21Kb / 1P
   ESC PACKAGE
KDV240E KEC-KDV240E_07 Datasheet
38Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV240E KEC-KDV240E_15 Datasheet
362Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Podobny opis - KDV240E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KDV240 KEC-KDV240 Datasheet
386Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF RADIO)
KDV239 KEC-KDV239 Datasheet
72Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF RADIO)
KDV239E KEC-KDV239E Datasheet
70Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF RADIO)
KDV245E KEC-KDV245E Datasheet
383Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF BAND RADIO)
KDV245 KEC-KDV245 Datasheet
386Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF BAND RADIO)
logo
Toshiba Semiconductor
1SV239 TOSHIBA-1SV239 Datasheet
111Kb / 2P
   VARIABLE CAPACITANCE DIODE (VCO FOR UHF RADIO)
logo
KEC(Korea Electronics)
KDV257E KEC-KDV257E Datasheet
63Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV273E KEC-KDV273E Datasheet
63Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV154 KEC-KDV154 Datasheet
115Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV VHF,UHF TUNER AFC VCO FOR UHF BAND RADIO)
KDV273UL KEC-KDV273UL Datasheet
431Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE VCO FOR UHF/VHF BAND
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com