Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDV269 Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KDV269
Szczegółowy opis  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV269 Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KDV269 Datasheet HTML 1Page - KEC(Korea Electronics) KDV269 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CATV TUNING.
FEATURES
High Capacitance Ratio : C2V/C25V=11.5(Typ.)
Low Series Resistance : rS=0.55 (Typ.)
Excellent C-V Characteristics, and Small Tracking Error.
Useful for Small Size Tuner.
MAXIMUM RATING (Ta=25 )
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.1
1.25 0.05
0.90 0.05
0.30+0.06/-0.04
1.70 0.05
MIN 0.17
0.126 0.03
0~0.1
0.15 0.05
0.4 0.05
2 +4/-2
L
M
4~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
1. ANODE
2. CATHODE
H
+_
+_
+_
+_
+_
+_
+_
2001. 6. 11
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV269
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
34
V
Peak Reverse Voltage
VRM
36 (RL=10k )
V
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1 A
34
-
-
V
Reverse Current
IR
VR=28V
-
-
10
nA
Capacitance
C2V
VR=2V, f=1MHz
29
31.5
34
pF
Capacitance
C25V
VR=25V, f=1MHz
2.5
2.75
2.9
pF
Capacitance Ratio
C2V/C25V
11.0
11.5
-
-
C25V/C28V
1.03
1.05
-
Series Resistance
rS
VR=5V, f=470MHz
-
0.55
0.7
Note : Available in matched group for capacitance to 2.0%.
C(Max.)-C(Min.)
C(Min.)
0.02
Type Name
Marking
R
U
(VR=2~25V)


Podobny numer części - KDV269

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KDV269 KEC-KDV269 Datasheet
350Kb / 1P
   USC PACKAGE
KDV269E KEC-KDV269E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV269E KEC-KDV269E Datasheet
77Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV269E KEC-KDV269E Datasheet
49Kb / 1P
   ESC PACKAGE
KDV269E KEC-KDV269E_03 Datasheet
77Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Podobny opis - KDV269

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KDV269E KEC-KDV269E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV262 KEC-KDV262 Datasheet
73Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV262E KEC-KDV262E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
logo
Toshiba Semiconductor
1SV290B TOSHIBA-1SV290B Datasheet
252Kb / 3P
   Variable Capacitance Diode Silicon Epitaxial Planar Type CATV Tuning
logo
KEC(Korea Electronics)
KDV310E KEC-KDV310E Datasheet
388Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE TV Tuning
KDV214 KEC-KDV214 Datasheet
358Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
KDV214E KEC-KDV214E Datasheet
355Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
logo
Toshiba Semiconductor
1SV232 TOSHIBA-1SV232 Datasheet
117Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV262 TOSHIBA-1SV262 Datasheet
116Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV269 TOSHIBA-1SV269 Datasheet
118Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com