Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM138 Arkusz danych(PDF) 1 Page - Linear Technology

Numer części LM138
Szczegółowy opis  5A Positive Adjustable Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LM138 Arkusz danych(HTML) 1 Page - Linear Technology

  LM138_15 Datasheet HTML 1Page - Linear Technology LM138_15 Datasheet HTML 2Page - Linear Technology LM138_15 Datasheet HTML 3Page - Linear Technology LM138_15 Datasheet HTML 4Page - Linear Technology LM138_15 Datasheet HTML 5Page - Linear Technology LM138_15 Datasheet HTML 6Page - Linear Technology LM138_15 Datasheet HTML 7Page - Linear Technology LM138_15 Datasheet HTML 8Page - Linear Technology LM138_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LT138A/LT338A
LM138/LM338
1
138afd
For more information www.linear.com/LT138A
Typical applicaTion
FeaTures
applicaTions
DescripTion
5A Positive Adjustable
Voltage Regulator
The LT®138A series of adjustable regulators provide 5A
output current over an output voltage range of 1.2V to
32V. The internal voltage reference is trimmed to less
than 1%, enabling a very tight output voltage. In addition
to excellent line and load regulation, with full overload
protection, the LT138A incorporates new current limit-
ing circuitry allowing large transient load currents to be
handled for short periods. Transient load currents of up
to 12A can be supplied without limiting, eliminating the
need for a large output capacitor.
The LT138A is an improved version of the popular LM138
with improved circuit design and advanced process tech-
niques to provide superior performance and reliability.
The graph below shows the significant improvement in
output voltage tolerance achieved by using the LT138A
or LT338A.
Parallel Regulators for Higher Current*
n
Guaranteed 1% Initial Tolerance
n
Guaranteed 0.3% Load Regulation
n
Guaranteed 5A Output Current
n
100% Thermal Limit Burn-In
n
12A Transient Output Current
n
High Power Linear Regulator
n
Battery Chargers
n
Power Driver
n
Constant-Current Regulator
Output Voltage Error
LT338A
0.01Ω∗∗
VIN
VIN
THIS CIRCUIT WILL NOT WORK WITH LM VERSION DEVICES
CURRENT SHARING RESISTORS DEGRADE REGULATION TO 1%
*
**
VOUT
ADJ
LT350A
VIN
138/338 TA01
121Ω
1%
5V
8A
VOUT
ADJ
0.016Ω**
365Ω
1%
OUTPUT VOLTAGE (V)
1
0
3
5
7
10
10
100
138A/338A TA02
1
4
6
9
12
11
8
2
2% RESISTORS
2% RESISTORS
1% RESISTORS
1% RESISTORS
LM338
LM338
LT338A
LT338A
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
OBSOLETE:
FOR INFORMATION PURPOSES ONLY
Contact Linear Technology for Potential Replacement


Podobny numer części - LM138_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
More results

Podobny opis - LM138_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT138A LINER-LT138A_15 Datasheet
225Kb / 14P
   5A Positive Adjustable Voltage Regulator
LT338A LINER-LT338A_15 Datasheet
225Kb / 14P
   5A Positive Adjustable Voltage Regulator
LT138A LINER-LT138A_01 Datasheet
148Kb / 12P
   5A Positive Adjustable Voltage Regulator
LT138A LINER-LT138A Datasheet
185Kb / 12P
   5A Positive Adjustable Voltage Regulator
LM338 LINER-LM338_15 Datasheet
225Kb / 14P
   5A Positive Adjustable Voltage Regulator
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com