Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1SS400 Arkusz danych(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Numer części 1SS400
Szczegółowy opis  High Speed SWITCHING Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Strona internetowa  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1SS400 Arkusz danych(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1SS400_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1SS400_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
1SS400 High Speed SWITCHING Diodes
FEATURES
Small surface mounting type
High Speed
High reliability with high surge current handing capability
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25℃
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
90
V
DC reverse voltage
VR
80
V
Peak forward current
IFM
225
mA
Mean rectifying current
IO
100
mA
Surge current (1s)
Isurge
500
mA
Junction temperature
Tj
125
Storage temperature
Tstg
-55~+125
Electrical Ratings @TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
IF=100mA
Reverse current
IR
0.1
μA
VR=80V
Capacitance between terminals
CT
3.0
pF
VR=0.5V,f=1MHZ
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA,RL=100Ω
1SS400
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Podobny numer części - 1SS400_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
logo
SUNMATE electronic Co.,...
1SS400T1 SUNMATE-1SS400T1 Datasheet
187Kb / 2P
   200mA Surface Mount High Speed Switching Diode
logo
ON Semiconductor
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
More results

Podobny opis - 1SS400_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com