Zakładka z wyszukiwarką danych komponentów |
|
KIA278R37 Arkusz danych(PDF) 2 Page - KEC(Korea Electronics) |
|
KIA278R37 Arkusz danych(HTML) 2 Page - KEC(Korea Electronics) |
2 / 5 page 2001. 6. 28 2/5 KIA278R25PI~KIA278R37PI Revision No : 3 OVER HEAT PROTECTION CONTROL OUTPUT ON/OFF ASO PROTECTION BANDGAP REFERENCE - + 1 4 2 3 Vo VIN Control GND ELECTRICAL CHARACTERISTICS (Ta=25 ) (Unless otherwise specified, IO=1.0A, Ta=25 , Note1.) BLOCK DIAGRAM Note1) VIN of KIA278R25=4.2V Note2) VIN of KIA278R25=3.2 10V Note3) At VIN=0.95VO " KIA278R30=4.7V " KIA278R30=3.7 10V " KIA278R33=5.0V " KIA278R33=4.0 10V " KIA278R35=5.2V " KIA278R35=4.2 10V " KIA278R37=5.4V " KIA278R37=4.4 10V CHARACTERISTIC SYMBOL CONDITIONS MIN. TYP. MAX. UNIT Output Voltage KIA278R25 VO - 2.438 2.50 2.562 V KIA278R30 - 2.925 3.00 3.075 KIA278R33 - 3.220 3.30 3.380 KIA278R35 - 3.413 3.50 3.587 KIA278R37 - 3.608 3.70 3.792 Load Regulation Reg Load IO=5mA 2A - 0.1 2.0 % Line Regulation Reg Line (Note 2) - 0.5 2.5 % Temperature Coefficient of Output Voltage TCVO Tj=0 125 - 0.02 0.05 %/ Ripple Rejection R R - 45 55 - dB Drop Out Voltage VD IO=2A - - 0.5 V Output ON state for control Voltage VC(ON) - 2.0 - - V Output ON state for control Current IC(ON) VC=2.7V - - 20 A Output OFF state for control Voltage VC(OFF) - - - 0.8 V Output OFF state for control Current IC(OFF) VC=0.4V - - -0.4 mA Quiescent Current IQ IO=0 - - 103 mA |
Podobny numer części - KIA278R37 |
|
Podobny opis - KIA278R37 |