Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4548 Arkusz danych(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Numer części 2SC4548
Szczegółowy opis  NPN TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Strona internetowa  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC4548 Arkusz danych(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC4548_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SC4548 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
500
mW (Tamb=25
℃)
Collector current
ICM:
200
mA
Collector-base voltage
V(BR)CBO:
400
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
10µA, IE=0
400
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
1mA, IB=0
400
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=300V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.1
µA
DC current gain
hFE(1)
VCE=10V, IC=50mA
60
200
Collector-emitter saturation voltage
VCE(sat)
IC=50mA, IB=5mA
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=50mA, IB=5mA
1
V
Transition frequency
fT
VCE=30V, IC=10mA
70
MHz
Collector output capacitance
Cob
VCB=30V, IE=0, f=1MHz
4
pF
Turn-ON Time
ton
0.25
µs
Turn-OFF Time
toff
VCC=150V, Ic=50mA,
IB1=-IB2=5mA
5
µs
CLASSIFICATION OF hFE(1)
Rank
D
E
Range
60-120
100-200
Marking
CN
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
2SC4548
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Podobny numer części - 2SC4548_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
2SC4548 SECOS-2SC4548_15 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
Unisonic Technologies
2SC4548 UTC-2SC4548_15 Datasheet
236Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
More results

Podobny opis - 2SC4548_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com