Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM329 Arkusz danych(PDF) 8 Page - Linear Technology

Numer części LM329
Szczegółowy opis  6.9V Precision Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LM329 Arkusz danych(HTML) 8 Page - Linear Technology

  LM329 Datasheet HTML 1Page - Linear Technology LM329 Datasheet HTML 2Page - Linear Technology LM329 Datasheet HTML 3Page - Linear Technology LM329 Datasheet HTML 4Page - Linear Technology LM329 Datasheet HTML 5Page - Linear Technology LM329 Datasheet HTML 6Page - Linear Technology LM329 Datasheet HTML 7Page - Linear Technology LM329 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LM129/LM329
8
129329fd
For more information www.linear.com/LM329
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2008
LT 1214 REV D • PRINTED IN USA
(408)432-1900 FAX: (408) 434-0507 ● www.linear.com/LM329
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT1460
Micropower, Precise Series Reference
10ppm/°C, Output Voltages: 2.5V, 3V, 3.3V, 5V, 10V
LT1634
0.05% Accurate, 10ppm/°C, Shunt Reference
Output Voltages: 1.25V, 2.5V, 4.096V, 5V
LM329
6.9V
IMIN ≥ 0.6mA
RS
9V TO 40V
129329 TA02
+
15V
10V
9k
7.5k
LM329
6.9V
LT1001
2
3
4
7
6
20k
1%
129329 TA03
Common Reference
Buffered Reference Using a Single Supply


Podobny numer części - LM329

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LM329 LINER-LM329 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
LM329 LINER-LM329 Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
logo
Texas Instruments
LM329 TI-LM329 Datasheet
359Kb / 12P
[Old version datasheet]   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329 Datasheet
197Kb / 8P
   Precision Reference
logo
Texas Instruments
LM3290 TI1-LM3290 Datasheet
58Kb / 3P
[Old version datasheet]   LM3290 Product Brief
More results

Podobny opis - LM329

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LM129 LINER-LM129_15 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
LM129 LINER-LM129_1 Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
RH129 LINER-RH129_15 Datasheet
135Kb / 2P
   6.9V Precision Reference
RH129 LINER-RH129 Datasheet
127Kb / 2P
   6.9V Precision Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com