Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB360 Arkusz danych(PDF) 2 Page - Compact Technology Corp.

Numer części SB360
Szczegółowy opis  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTC [Compact Technology Corp.]
Strona internetowa  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

SB360 Arkusz danych(HTML) 2 Page - Compact Technology Corp.

  SB360 Datasheet HTML 1Page - Compact Technology Corp. SB360 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SB320 thru SB3200
CTC0165 Ver.
6.0
2 of 2
SB320 thru SB3200
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
0.0
1.0
2.0
3.0
4.0
5.0
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (
)
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60Hz
0.001
0.010
0.100
1.000
10.000
100.000
20%
40%
60%
80%
100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
0
100
200
300
400
500
600
0
1
10
100
REVERSE VOLTAGE (V)
SB320~SB340 ~
SB350~SB3
60
SB380~SB3100
SB3150
SB3200
25
100
0.01
0.10
1.00
10.00
100.00
0.2
0.4
0.6
0.8
1.0
FORWARD VOLTAGE (V)
SB320~SB340
SB350~SB3
60
SB380~SB3100
SB3150
SB3200


Podobny numer części - SB360

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SB360 FAIRCHILD-SB360 Datasheet
488Kb / 10P
   Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
logo
Pan Jit International I...
SB360 PANJIT-SB360 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Zibo Seno Electronic En...
SB360 ZSELEC-SB360 Datasheet
114Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Cystech Electonics Corp...
SB360 CYSTEKEC-SB360 Datasheet
248Kb / 3P
   3.0Amp Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SB360 FAIRCHILD-SB360 Datasheet
45Kb / 3P
   Schottky Rectifiers
More results

Podobny opis - SB360

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com