Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF1003 Arkusz danych(PDF) 2 Page - Compact Technology Corp.

Numer części UF1003
Szczegółowy opis  ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTC [Compact Technology Corp.]
Strona internetowa  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

UF1003 Arkusz danych(HTML) 2 Page - Compact Technology Corp.

  UF1003 Datasheet HTML 1Page - Compact Technology Corp. UF1003 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
40
Pulse width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
0.6
0.1
50
0.2
1.0
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE , C
0.8
0.4
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
2.0
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0.2
0.4
1.2
1.4
1.0
10
100
0.6
0.8
1.0
0.1
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
UF1001 to UF1004
UF1005 to UF1007
UF1004
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
100
10
1.0
UF1005 to UF1007
UF1001 to UF1004
4
TJ = 25 C, f = 1MHz
UF1001 thru UF1007
CTC0104 Ver. 2.0
2 of 2
UF1001 thru UF1007


Podobny numer części - UF1003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
UF1003 PANJIT-UF1003 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1003 PANJIT-UF1003 Datasheet
86Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
UF1003 WTE-UF1003 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
UF1003 TAYCHIPST-UF1003 Datasheet
2Mb / 2P
   ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF1003 DIODES-UF1003 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
More results

Podobny opis - UF1003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com