Zakładka z wyszukiwarką danych komponentów |
|
KRA731U Arkusz danych(PDF) 1 Page - KEC(Korea Electronics) |
|
KRA731U Arkusz danych(HTML) 1 Page - KEC(Korea Electronics) |
1 / 4 page 1/4 SEMICONDUCTOR TECHNICAL DATA KRA730U~KRA734U EPITAXIAL PLANAR PNP TRANSISTOR Revision No : 2 SWITCHING APPLICATION. INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION. FEATURES With Built-in Bias Resistors. Simplify Circuit Design. Reduce a Quantity of Parts and Manufacturing Process. High Packing Density. DIM MILLIMETERS A B D G US6 2.00 0.20 1.25 0.1 2.1 0.1 0.2+0.10/-0.05 0-0.1 0.9 0.1 0.65 0.15+0.1/-0.05 B1 H C T G 1 3 2 B B1 D T 6 4 1.3 0.1 A1 5 +_ +_ +_ +_ +_ 1. Q EMITTER 4. Q COLLECTOR 3. Q BASE 5. Q BASE 6. Q COLLECTOR 1 1 2. Q EMITTER 2 1 2 2 EQUIVALENT CIRCUIT MAXIMUM RATING (Ta=25 ) MARK SPEC R1 C E B Type Name 12 3 6 54 ELECTRICAL CHARACTERISTICS (Ta=25 ) CHARACTERISTIC SYMBOL RATING UNIT Collector-Base Voltage VCBO -50 V Collector-Emitter Voltage VCEO -50 V Emitter-Base Voltage VEBO -5 V Collector Current IC -100 mA CHARACTERISTIC SYMBOL RATING UNIT Collector Power Dissipation PC * 200 mW Junction Temperature Tj 150 Storage TemperatureRange Tstg -55 150 CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Collector Cut-off Current ICBO VCB=-50V, IE=0 - - -100 nA Emitter Cut-off Current IEBO VEB=-5V, IC=0 - - -100 nA DC Current Gain hFE VCE=-5V, IC=-1mA 120 - - Collector-Emitter Saturation Voltage VCE(sat) IC=-10mA, IB=-0.5mA - -0.1 -0.3 V Transition Frequency fT * VCE=-10V, IC=-5mA - 250 - MHz Input Resistor KRA730U R1 - 4.7 - k KRA731U - 10 - KRA732U - 100 - KRA733U - 22 - KRA734U - 47 - TYPE KRA730U KRA731U KRA732U KRA733U KRA734U MARK JK JM JN JO JP EQUIVALENT CIRCUIT (TOP VIEW) 1 Q1 23 65 4 Q2 Marking * Total Rating. Note : * Characteristic of transistor only. 2002. 7. 9 |
Podobny numer części - KRA731U |
|
Podobny opis - KRA731U |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |