Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC3357 Arkusz danych(PDF) 5 Page - Renesas Technology Corp

Numer części 2SC3357
Szczegółowy opis  NPN EPITAXIAL SILICON RF TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3357 Arkusz danych(HTML) 5 Page - Renesas Technology Corp

  2SC3357_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet PU10211EJ01V0DS
3
2SC3357
TYPICAL CHARACTERISTICS (TA = +25
°°°°C, unless otherwise specified)
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
200
50
100
10
20
15
10
0.5
50
VCE = 10 V
2
1
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ceramic substrate
16 cm2
× 0.7 mm (t)
Free air Rth (j-a) 312.5˚C/W
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
2
1
0.5
0.3
0.5
0.2
1
2
5
10
30
20
f = 1 MHz
VCE = 10 V
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
10
3
2
5
0.2
0.3
0.5
1
0.1
1
5
10
50
0.1
0.5
100
VCE = 10 V
f = 1 GHz
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
15
10
0
5
0.5
1
10
50
570
VCE = 10 V
IC = 20 mA
Frequency f (GHz)
INSERTION POWER GAIN, MAG
vs. FREQUENCY
25
15
20
5
10
0
0.05
0.1
0.5
1
0.2
2
MAG
|S21e|
2


Podobny numer części - 2SC3357_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SC3357-A RENESAS-2SC3357-A Datasheet
137Kb / 2P
   RF & Microwave device
logo
California Eastern Labs
2SC3357-A CEL-2SC3357-A Datasheet
216Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
DONGGUAN YOU FENG WEI E...
2SC3357-E YFWDIODE-2SC3357-E Datasheet
665Kb / 4P
   NPN Transistors
logo
Guangdong Kexin Industr...
2SC3357-E-HF KEXIN-2SC3357-E-HF Datasheet
992Kb / 3P
   NPN Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC3357-F YFWDIODE-2SC3357-F Datasheet
665Kb / 4P
   NPN Transistors
More results

Podobny opis - 2SC3357_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
CSC1730 CDIL-CSC1730 Datasheet
184Kb / 3P
   NPN SILICON EPITAXIAL RF TRANSISTOR
logo
Renesas Technology Corp
2SC5015 RENESAS-2SC5015 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC4957 RENESAS-2SC4957 Datasheet
189Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4227 CEL-2SC4227 Datasheet
846Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 CEL-2SC5013 Datasheet
816Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5011 RENESAS-2SC5011 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 RENESAS-2SC5013 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4093 CEL-2SC4093 Datasheet
571Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 CEL-2SC5015 Datasheet
1Mb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com