Zakładka z wyszukiwarką danych komponentów |
|
KRX103U Arkusz danych(PDF) 1 Page - KEC(Korea Electronics) |
|
KRX103U Arkusz danych(HTML) 1 Page - KEC(Korea Electronics) |
1 / 3 page 2002. 1. 24 1/3 SEMICONDUCTOR TECHNICAL DATA KRX103U Revision No : 2 SWITCHING APPLICATION. INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION. FEATURES Including two devices in USV. (Ultra Super mini type with 5 leads.) With Built-in bias resistors. Simplify circuit design. Reduce a quantity of parts and manufacturing process. DIM MILLIMETERS A B D G USV 2.00 0.20 1.25 0.1 2.1 0.1 0.2+0.10/-0.05 0-0.1 0.9 0.1 0.65 0.15+0.1/-0.05 B1 H C T G 1 3 2 B B1 D T 5 4 1.3 0.1 A1 +_ +_ +_ +_ +_ 1. Q COMMON (EMITTER) 2. Q IN (BASE) 3. Q COMMON (EMITTER) 4. Q OUT (COLLECTOR) 5. Q OUT (COLLECTOR) 1 1 Q IN (BASE) 2 1 2 2 EQUIVALENT CIRCUIT Q1 MAXIMUM RATING (Ta=25 ) R1 R2 COMMON OUT Q 1 1 IN R1 R2 COMMON OUT Q 2 2 IN Q , Q R1=22K Ω R2=22K Ω 1 Q1 23 54 Q2 EQUIVALENT CIRCUIT (TOP VIEW) * Total Raing. CHARACTERISTIC SYMBOL RATING UNIT Output Voltage VO 50 V Input Voltage VI 40, -10 V Output Current IO 100 CHARACTERISTIC SYMBOL RATING UNIT Output Voltage VO -50 V Input Voltage VI -40, 10 V Output Current IO -100 CHARACTERISTIC SYMBOL RATING UNIT Power Dissipation PD * 200 Junction Temperature Tj 150 Storage Temperature Range Tstg -55 150 BB Type Name 12 3 4 5 Q2 MAXIMUM RATING (Ta=25 ) Q1, Q2 MAXIMUM RATING (Ta=25 ) Marking EPITAXIAL PLANAR NPN/PNP TRANSISTOR |
Podobny numer części - KRX103U |
|
Podobny opis - KRX103U |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |