Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTA1807D Arkusz danych(PDF) 2 Page - KEC(Korea Electronics)

Numer części KTA1807D
Szczegółowy opis  TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1807D Arkusz danych(HTML) 2 Page - KEC(Korea Electronics)

  KTA1807D Datasheet HTML 1Page - KEC(Korea Electronics) KTA1807D Datasheet HTML 2Page - KEC(Korea Electronics) KTA1807D Datasheet HTML 3Page - KEC(Korea Electronics) KTA1807D Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2003. 3. 27
2/4
KTA1807D/L
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification O:30~80, Y:60~120.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-600V, IE=0
-
-
-10
A
Emitter Cut-off Current
IEBO
VEB=-7.0V, IC=0
-
-
-10
A
DC Current Gain
hFE (1) (Note)
VCE=-5.0V, IC=-0.1A
30
-
120
hFE (2)
VCE=-5.0V, IC=-0.5A
5
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-0.3A, IB=-60mA
-
-0.28
-1.0
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-0.3A, IB=-60mA
-
-0.85
-1.2
V
Gain-Bandwidth Product
fT
VCE=-10V, IE=50mA
-
28
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
42
-
pF
Switching
Time
Turn On Time
ton
IC=-0.5A, RL=500 ,
IB1=-IB2=-0.1A, VCC=-250V
-
0.1
0.5
s
Storage Time
tstg
-
3.5
5.0
Fall Time
tf
-
0.08
0.5


Podobny numer części - KTA1807D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results

Podobny opis - KTA1807D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D Datasheet
409Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
KTC4520 KEC-KTC4520 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871_15 Datasheet
241Kb / 8P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTB1370 KEC-KTB1370 Datasheet
417Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(HIGH CURRENT SWITCHING, POWER AMPLIFIER)
KTC4521 KEC-KTC4521 Datasheet
366Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4521F KEC-KTC4521F Datasheet
382Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4372 KEC-KTC4372 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)
logo
NEC
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com