Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD103BWS Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SD103BWS
Szczegółowy opis  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103BWS Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SD103BWS Datasheet HTML 1Page - Vishay Siliconix SD103BWS Datasheet HTML 2Page - Vishay Siliconix SD103BWS Datasheet HTML 3Page - Vishay Siliconix SD103BWS Datasheet HTML 4Page - Vishay Siliconix SD103BWS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD103AWS, SD103BWS, SD103CWS
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 25-Feb-13
1
Document Number: 85682
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
MECHANICAL DATA
Case: SOD-323
Weight: approx. 4.3 mg
Packaging codes/options:
18/10K per 13” reel (8 mm tape), 10K/box
08/3K per 7” reel (8 mm tape), 15K/box
FEATURES
• The SD103 series is a metal-on-silicon
Schottky barrier device which is protected by
a PN junction guard ring
• The low forward voltage drop and fast
switching make it ideal for protection of MOS
devices, steering, biasing, and coupling
diodes for fast switching and low logic level
applications
• For general purpose applications
• AEC-Q101 qualified
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature
Note
(1) Valid provided that electrodes are kept at ambient temperature
PARTS TABLE
PART
ORDERING CODE
INTERNAL
CONSTRUCTION
TYPE MARKING
REMARKS
SD103AWS
SD103AWS-E3-08 or SD103AWS-E3-18
Single diode
S6
Tape and reel
SD103AWS-HE3-08 or SD103AWS-HE3-18
SD103BWS
SD103BWS-E3-08 or SD103BWS-E3-18
Single diode
S7
SD103BWS-HE3-08 or SD103BWS-HE3-18
SD103CWS
SD103CWS-E3-08 or SD103CWS-E3-18
Single diode
S8
SD103CWS-HE3-08 or SD103CWS-HE3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
SD103AWS
VRRM
40
V
SD103BWS
VRRM
30
V
SD103CWS
VRRM
20
V
Forward continuous current (1)
IF
350
mA
Power dissipation (1)
Ptot
200
mW
Single cycle surge
10 μs square wave
IFS;M
2A
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
500
K/W
Junction temperature
Tj
125
°C
Operating temperature range
Top
- 55 to + 125
°C
Storage temperature range
Tstg
- 55 to + 150
°C


Podobny numer części - SD103BWS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yea Shin Technology Co....
SD103BWS YEASHIN-SD103BWS Datasheet
502Kb / 2P
   SCHOTTKY DIODES
logo
Pan Jit International I...
SD103BWS PANJIT-SD103BWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
DAESAN ELECTRONIC CORP.
SD103BWS DAESAN-SD103BWS Datasheet
435Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SD103BWS PACELEADER-SD103BWS Datasheet
196Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
First Components Intern...
SD103BWS FCI-SD103BWS Datasheet
263Kb / 2P
   350mA Small Single Surface Mounted Schottky Diode Low Reverse Capacitance
More results

Podobny opis - SD103BWS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com