Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4933 Arkusz danych(PDF) 7 Page - Leshan Radio Company

Numer części 1N4933
Szczegółowy opis  Plastic package has Underwriters Laboratory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4933 Arkusz danych(HTML) 7 Page - Leshan Radio Company

  1N4933_15 Datasheet HTML 1Page - Leshan Radio Company 1N4933_15 Datasheet HTML 2Page - Leshan Radio Company 1N4933_15 Datasheet HTML 3Page - Leshan Radio Company 1N4933_15 Datasheet HTML 4Page - Leshan Radio Company 1N4933_15 Datasheet HTML 5Page - Leshan Radio Company 1N4933_15 Datasheet HTML 6Page - Leshan Radio Company 1N4933_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Unit:mm
注: 52编带# 为DO-201AD编带规格
Remark: 52 tape# is DO-201AD taping spec.
4. 编带图形及规格/Taping Specification
R
<1.0
H
 6±1.0
P
 5±0.5
尺寸代号
T
>3.2
>3.2
>3.2
<1.0
<1.0
Z
<1.2
<1.2
<1.2
 6±1.0
 6±1.0
L1-L2
<1.0
<1.2
<1.2
 5±0.5
 10±0.5
W
26 0.0/+1.6
52 -1.0/+2.0
52 -1.0/+2.0
编带尺寸/Tape Dimension
Dimension Code
26/tape
52/tape
52/tape#
LESHAN RADIO COMPANY, LTD.


Podobny numer części - 1N4933_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compact Technology Corp...
1N4933 CTC-1N4933_15 Datasheet
100Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Diodes Incorporated
1N4933 DIODES-1N4933_15 Datasheet
65Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
logo
Rugao Dachang Electroni...
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
logo
Diotec Semiconductor
1N4933 DIOTEC-1N4933_15 Datasheet
131Kb / 2P
   Fast Recovery Rectifier Diodes
More results

Podobny opis - 1N4933_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
DRS1M LRC-DRS1M_15 Datasheet
533Kb / 4P
   Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
HFM105 ETC2-HFM105 Datasheet
150Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Yea Shin Technology Co....
MBRL120S YEASHIN-MBRL120S Datasheet
813Kb / 10P
   Plastic package has Underwriters Laboratory
logo
Pan Jit International I...
EST1AF PANJIT-EST1AF Datasheet
142Kb / 5P
   Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
H31 ETC2-H31 Datasheet
126Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
EGP10A LRC-EGP10A_15 Datasheet
305Kb / 7P
   Plastic package has Underwriters Laboratory
EGP10D LRC-EGP10D_15 Datasheet
305Kb / 7P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
1N4934 LRC-1N4934_15 Datasheet
200Kb / 7P
   Plastic package has Underwriters Laboratory
EGP15A LRC-EGP15A_15 Datasheet
207Kb / 7P
   Plastic package has Underwriters Laboratory
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com