Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTX301 Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KTX301
Szczegółowy opis  EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX301 Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KTX301 Datasheet HTML 1Page - KEC(Korea Electronics) KTX301 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 1. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTX301E
EPITAXIAL PLANAR PNP TRANSISTOR
SILICON EPITAXIAL PLANAR TYPE DIODE
Revision No : 1
GENERAL PURPOSE APPLICATION.
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
Including two(TR, Diode) devices in TESV.
(Thin Extreme Super mini type with 5pin.)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM MILLIMETERS
A
A1
B1
C
TESV
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.5 0.05
0.12 0.05
B
D
H
J
B1
B
1
2
3
5
4
P
P
P5
+_
+_
+_
+_
+_
+_
+_
1. D ANODE
2. Q EMITTER
3. Q BASE
4. Q COLLECTOR
5. D CATHODE
1
1
1
1
1
MAXIMUM RATINGS (Ta=25 )
EQUIVALENT CIRCUIT (TOP VIEW)
1
D1
Q1
23
54
MARK SPEC
C
Type Name
h
Rank
FE
12
3
4
5
Marking
Type
KTX301E
KTX301E
Q1 hFE Rank : Y
Q1 hFE Rank : GR
Mark
CA
CB
TRANSISTOR Q1
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-150
Base Current
IB
-30
Collector Power Dissipation
PC
100
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
DIODE D1
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300
Average Forward Current
IO
100
Surge Current (10mS)
IFSM
2
A
Power Dissipation
PD
-
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150


Podobny numer części - KTX301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTX301U KEC-KTX301U Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
More results

Podobny opis - KTX301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTX401E KEC-KTX401E Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX301U KEC-KTX301U Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX401U KEC-KTX401U Datasheet
69Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KDS160 KEC-KDS160 Datasheet
112Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE DIODE (ULTRA HIGH SPEED SWITCHING)
KDS200 KEC-KDS200 Datasheet
105Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE (ULTRA HIGH SPEED SWITCHING)
KDS142E KEC-KDS142E Datasheet
384Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE (ULTRA HIGH SPEED SWITCHING)
KDS120 KEC-KDS120 Datasheet
115Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE (ULTRA HIGH SPEED SWITCHING)
KDS226 KEC-KDS226 Datasheet
206Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE (ULTRA HIGH SPEED SWITCHING)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com