Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA159D Arkusz danych(PDF) 4 Page - Leshan Radio Company

Numer części BA159D
Szczegółowy opis  Fast Switching Plastic Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BA159D Arkusz danych(HTML) 4 Page - Leshan Radio Company

  BA159D_15 Datasheet HTML 1Page - Leshan Radio Company BA159D_15 Datasheet HTML 2Page - Leshan Radio Company BA159D_15 Datasheet HTML 3Page - Leshan Radio Company BA159D_15 Datasheet HTML 4Page - Leshan Radio Company BA159D_15 Datasheet HTML 5Page - Leshan Radio Company BA159D_15 Datasheet HTML 6Page - Leshan Radio Company BA159D_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Unit:mm
A:卷盘规格/Reel spec.
W1 W
W1
Item
Symbol
Dimension
Label stike this position
A
76.4±0.1
B
82.5±0.2
C
330±0.5
Width
W
72±0.2
Thickness
W1
3±0.2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
350±2
W
350±2
H
340±4
H
按以上包装方式:(As per the above spec)
DO-15
4K
16K
Q'ty/Taping
5K
1.4K
Q'ty/Packing Case
20K
5.6K
Size
W
L
外型/Outside
DO-41 & A-405
DO-201AD
Packing Of Plastic-Sealed Axial Lead Diodes
A
B C
Dimeter
1.卷盘/Reel Packing(52mm)
LESHAN RADIO COMPANY, LTD.


Podobny numer części - BA159D_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
BA159DG LRC-BA159DG Datasheet
51Kb / 2P
   FAST GPP DIODES
logo
GOOD-ARK Electronics
BA159DG GOOD-ARK-BA159DG Datasheet
172Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 400 to 1000 Volts Forward Current 1.0 Ampere
logo
Vishay Siliconix
BA159DGP VISHAY-BA159DGP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
BA159DGP VISHAY-BA159DGP Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
logo
Leshan Radio Company
BA159DG LRC-BA159DG_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
More results

Podobny opis - BA159D_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
FR151 SEMTECH_ELEC-FR151 Datasheet
212Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA158G LRC-BA158G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159 LRC-BA159_15 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N4933 SEMTECH_ELEC-1N4933 Datasheet
141Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA157 LRC-BA157_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA157G LRC-BA157G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159DG LRC-BA159DG_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA158 LRC-BA158_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
logo
Continental Device Indi...
BA157 CDIL-BA157 Datasheet
312Kb / 5P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA159G LRC-BA159G_15 Datasheet
198Kb / 3P
   Fast Switching Plastic Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com