Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148GH Arkusz danych(PDF) 3 Page - Zowie Technology Corporation

Numer części 1N4148GH
Szczegółowy opis  Silicon Epitaxial Planar Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZOWIE [Zowie Technology Corporation]
Strona internetowa  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1N4148GH Arkusz danych(HTML) 3 Page - Zowie Technology Corporation

  1N4148GH Datasheet HTML 1Page - Zowie Technology Corporation 1N4148GH Datasheet HTML 2Page - Zowie Technology Corporation 1N4148GH Datasheet HTML 3Page - Zowie Technology Corporation 1N4148GH Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ctot(VR)
Ctot(0V)
100
0
0
200
300
400
Ptot
600
500
700
100
200 C
Tamb
o
0.7
0
2
0
46
8
VR
0.8
0.9
1.0
10 V
Admissible power dissipation
versus ambient temperature
Valid provided that leads at a distance of 8 mm from case
are kept at ambient temperature
900
800
1000
mW
-2
10
0
-1
10
1
VF
12 V
Forward characteristics
i F
10
2
10
10
3
Tj=25 C
Tj=100 C
o
o
1N 4148
GH
10 2
Tj=25 C
f=1MHz
IF
Relative capacitance
versus reverse voltage
1.1
o
-1
10
1
2
5
-2
10
10
2
5
110
10 mA
2
Tj=25 C
f=1KHz
Dynamic forward resistance
versus forward current
2
5
rf
2
3
10
4
10
5
o
mA
Zowie Technology Corporation
REV. 0
Zowie Technology Corporation
1N 4148
GH
1N 4148
GH
1N 4148
GH


Podobny numer części - 1N4148GH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zowie Technology Corpor...
1N4148G ZOWIE-1N4148G Datasheet
41Kb / 2P
   SMALL-SIGNAL DIODE
logo
Unisonic Technologies
1N4148G-AE3-R UTC-1N4148G-AE3-R Datasheet
218Kb / 4P
   HIGH-SPEED SWITCHING DIODE
1N4148G-AE3-R UTC-1N4148G-AE3-R Datasheet
320Kb / 5P
   HIGH-SPEED SWITCHING DIODE
1N4148G-AE3-R UTC-1N4148G-AE3-R Datasheet
298Kb / 4P
   HIGH-SPEED SWITCHING DIODE
1N4148G-AL3-R UTC-1N4148G-AL3-R Datasheet
218Kb / 4P
   HIGH-SPEED SWITCHING DIODE
More results

Podobny opis - 1N4148GH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com