Zakładka z wyszukiwarką danych komponentów |
|
SMAJ6.0A Arkusz danych(PDF) 1 Page - Zowie Technology Corporation |
|
SMAJ6.0A Arkusz danych(HTML) 1 Page - Zowie Technology Corporation |
1 / 3 page Zowie Technology Corporation 2011/05 SMA/DO-214AC FEATURES MECHANICAL DATA * Glass passivated chip * 400 W peak pulse power capability with a 10/1000 µs wavefrom, repetitive rate (duty cycle) : 0.01% * Low leakage * Excellent clamping capability * Very fast response time Case : JEDEC DO-214AC molded plastic Terminals : Plated axial leads , solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes positive end (cathode) except for bidirectional types Weight : 0.002 ounes, 0.064 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. single phase, half wave, 60Hz resistive or inductive load. for capacitive load, derate current by 20% *Dimensions in inches and (millimeters) SMAJ SERIES GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage - 5.0 to 440 Volts Peak Pulse Power-400 Watts SYMBOL VALUE PPPM PD IFSM TJ,TSTG 400 1.0 -55 to +150 Operating junction and storage temperature range RATING 40 ℃ UNITS Watts Watts Amps Peak power dissipation with a 10/1000 µs waveform (note 1) Power dissipation on infinite heatsink at TL = 75℃ IPPM See next table Amps Peak pulse current with a 10/1000 µs waveform (node 1) Peak forward surge current,8.3ms single half sine-wave unidirectional only (note 2) 0.115(2.92) 0.090(2.28) 0.096(2.43) 0.078(1.99) 0.050(1.27) 0.030(0.77) 0.016(0.41) 0.006(0.15) 0.181(4.60) 0.157(4.00) Max. 0.203 0.064(1.63) 0.050(1.27) 0.220(5.60) 0.191(4.84) NOTES : (1) Non-repetitive current pulse per Fig. 5 and derated abobe TA = 25℃ per Fig. 1 (2) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. |
Podobny numer części - SMAJ6.0A |
|
Podobny opis - SMAJ6.0A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |