Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ60CA Arkusz danych(PDF) 3 Page - Zowie Technology Corporation

Numer części SMAJ60CA
Szczegółowy opis  GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZOWIE [Zowie Technology Corporation]
Strona internetowa  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SMAJ60CA Arkusz danych(HTML) 3 Page - Zowie Technology Corporation

  SMAJ60CA Datasheet HTML 1Page - Zowie Technology Corporation SMAJ60CA Datasheet HTML 2Page - Zowie Technology Corporation SMAJ60CA Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES SMAJ SERIES
Zowie Technology Corporation
2011/05
FIG. 1- PULSE DERATING CURVE
TJ = TJ max.
8.3 ms Single Half Sine-Wave
Non-repetitive Pulse
Waveform shown in Fig. 5
TA = 25
FIG. 3 - STEADY STATE POWER DERATING CURVE
FIG. 5 - PULSE WAVEFORM
AMBIENT TEMPERATURE, TA (℃)
LEAD TEMPERATURE, TL (℃)
TIME, (ms)
FIG. 2 - MAXIMUM NON-REPETITIVE
FIG. 4 - PEAK PULSE POWER RATING CURVE
PULSE WIDTH, td (
µs)
100
75
50
25
0
1.0
0.8
0.6
0.4
0.2
0
100
Tr = 10µs
Peak Value
(IPP)
td
10/1000µsec. waveform
as defined by R.E.A.
TJ = 25℃
Pulse width (td) is defined as the
point where the peak current
decays to 50% of IPP
50
0
0
0
1
2
3
4
25
50
75
100
125
150
175
200
0
25
50
75
100
125
150
175
200
50
40
30
20
10
0
100
10
1
0.1
1
10
100
Half value = IPP
2
0.1
1
10
100
1000
10000
NUMBER OF CYCLES AT 60Hz


Podobny numer części - SMAJ60CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ60CA BYTES-SMAJ60CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ60CA DIODES-SMAJ60CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Zibo Seno Electronic En...
SMAJ60CA ZSELEC-SMAJ60CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotech Company.
SMAJ60CA DIOTECH-SMAJ60CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
SMAJ60CA WEEN-SMAJ60CA Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
More results

Podobny opis - SMAJ60CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zowie Technology Corpor...
SMCJ ZOWIE-SMCJ Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ ZOWIE-SMBJ Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
20KPA SMC-20KPA Datasheet
220Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMD30KPA MDE-SMD30KPA Datasheet
344Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB LUGUANG-P6SMB_13 Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
BZW04P5V8 MDE-BZW04P5V8 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com