Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAS116LPH4 Arkusz danych(PDF) 3 Page - Diodes Incorporated

Numer części BAS116LPH4
Szczegółowy opis  SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116LPH4 Arkusz danych(HTML) 3 Page - Diodes Incorporated

  BAS116LPH4_15 Datasheet HTML 1Page - Diodes Incorporated BAS116LPH4_15 Datasheet HTML 2Page - Diodes Incorporated BAS116LPH4_15 Datasheet HTML 3Page - Diodes Incorporated BAS116LPH4_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS116LPH4
Document number: DS35242 Rev. 5 - 2
3 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAS116LPH4
10
20
30
40
50
60
70
80
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
0.0001
0.001
0.01
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
f=1MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
010
20
30
40
Package Outline Dimensions
Suggested Pad Layout
X2-DFN1006-2
Dim
Min
Max
Typ
A
0.34
0.4
0.37
A1
0
0.05
0.03
b
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
E
0.40
L
0.20
0.30
0.25
R
0.05
0.15
0.10
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G
0.3
X
0.7
Y
0.4
C
0.7
L
E
b
R
e
D
A1
A
Z
X
C
G
Y


Podobny numer części - BAS116LPH4_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAS116LPH4-7B DIODES-BAS116LPH4-7B Datasheet
97Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
More results

Podobny opis - BAS116LPH4_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com