Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148 Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części 1N4148
Szczegółowy opis  500mW High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148 Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4148 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4148 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
- Solder hot dip Tin(Sn) lead finish
- Pb free version and RoHS compliant
- All external surfaces are corrosion resistant and
leads are readily solderable
- Packing code with suffix "G" means
Halogen-free
MECHANICAL DATA
- Case : DO-35
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by black cathode band
- Weight : 109 ± 4 mg
PD
mW
VRRM
V
IFM
mA
IO
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL MIN
TYP MAX
UNIT
100
-
-
75
-
-
0.62
-
0.72
--
1.0
--
1.0
-
-
25
nA
--
5.0
μA
Junction Capacitance
CJ
--
4.0
pF
Trr
-
-
4.0
ns
Note : 1. Test Conditions : IF=10mA, VR=6V, RL=100Ω, IRR=1mA
Document Number: DS_S1410004
Version: H14
1N4148/1N4448/1N914B
FEATURES
- Through-hole device type mounting
- Moisture sensitivity level 1
Taiwan Semiconductor
500mW High Speed Switching Diode
- Fast switching device (trr<4.0ns)
Repetitive Peak Reverse Voltage
Reverse Recovery Time (Note 1)
150
PARAMETER
500
100
Power Dissipation
SYMBOL
A
VALUE
CONDITION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
UNIT
PARAMETER
450
240
-65 to +150
VR=0 , f=1.0MHz
IR
VF
Peak Forward Surge Current
Pluse Width = 1μs, Square Wave
Non-Repetitive Peak Forward Current
Average Forward Current
Thermal Resistance (Junction to Ambient)
Junction and Storage Temperature Range
Reverse Breakdown Voltage
V
2.0
Reverse Leakage Current
1N4448, 1N914B
IF=100.0mA
VR=20V
VR=75V
IFSM
DO-35
Hermetically Sealed Glass
V
IR=100μA
IR=5μA
1N4148
IF=10.0mA
1N4448 , 1N914B IF=5.0mA
Forward Voltage
V(BR)


Podobny numer części - 1N4148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Dc Components
1N4148 DCCOM-1N4148 Datasheet
180Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
More results

Podobny opis - 1N4148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
1N4148 TSC-1N4148_10 Datasheet
228Kb / 3P
   500mW High Speed Switching Diode
1N914B TSC-1N914B Datasheet
102Kb / 2P
   500mW High Speed Switching Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
99Kb / 2P
   High Speed Switching Diode 500mW
1N4148W MCC-1N4148W Datasheet
94Kb / 2P
   High Speed Switching Diode 500mW
1N4148WX MCC-1N4148WX_11 Datasheet
165Kb / 3P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com