Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148W-G Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części 1N4148W-G
Szczegółowy opis  High Speed SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148W-G Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4148W-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148W-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148W-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4148W-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Fast switching device (trr<4.0ns)
- Surface mount device type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free and RoHS compliant
- Case: Bend lead SOD-123 small outline plastic package
- Polarity: Indicated by cathode band
- Weight: 10 ± 0.5 mg
- Marking Code: T4
SYMBOL
UNIT
PD
mW
VR
V
VRRM
V
VRWM
V
VR(RMS)
V
IFRM
mA
IO
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
Forward voltage
nA
μA
μA
μA
Junction capacitance
CJ
pF
Reverse recovery time
trr
ns
Notes : 1. Valid provided that terminals are kept at ambient temperature
Notes : 2. Reverse Recovery Test Conditions : IF=10mA, IR=10mA, RL=100Ω, IRR=1mA
Document Number: DS_S1405027
Version: C15
2.5
30
IF=150mA
PARAMETER
-
VR=75V
VR=25V, Tj=150°C
-
-
A
Repetitive peak reverse voltage
Work peak reverse voltage
100
100
300
70
-
Non-repetitive peak forward surge current
@ t=1 ms
@ t=10 ms
IFSM
2.0
1.0
IF=1.0mA
0.855
MIN
MAX
V
50
(Note 2)
0.715
Repetitive peak forward current
Mean forward current
-
VF
IF=50mA
-
Reverse leakage current
IR
VR=20V
VR=75V, Tj=150°C
SOD-123
IF=10mA
DC blocking voltage
100
RMS reverse voltage
-65 to + 150
2.0
4.0
VR=0, f=1.0MHz
25
-
-
-1.25
1.0
-
Power dissipation
Taiwan Semiconductor
1N4148W-G
- High temperature soldering guaranteed : 260°C/10s
FEATURES
Small Signal Product
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
High Speed SMD Switching Diode
MECHANICAL DATA
solderable per MIL-STD-202, Method 208 guaranteed
Thermal resistance (Junction to Ambient) (Note 1)
Junction and storage temperature range
150
357
350
- Terminal: Matte tin plated, lead free,
VALUE
PARAMETER


Podobny numer części - 1N4148W-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
logo
Vishay Siliconix
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4148W-G VISHAY-1N4148W-G Datasheet
99Kb / 5P
   Small Signal Fast Switching Diode
08-Feb-17
logo
Taiwan Semiconductor Co...
1N4148W-GRB TSC-1N4148W-GRB Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
1N4148W-GRBG TSC-1N4148W-GRBG Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
More results

Podobny opis - 1N4148W-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
CDSN4148 FORMOSA-CDSN4148 Datasheet
80Kb / 2P
   SMD Switching Diode - High Speed
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_15 Datasheet
238Kb / 4P
   High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
199Kb / 1P
   High Speed SMD Switching Diode
1SS400CS TSC-1SS400CS_14 Datasheet
115Kb / 3P
   High Speed SMD Switching Diode
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
   500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com