Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC817 Arkusz danych(PDF) 5 Page - Diodes Incorporated

Numer części BC817
Szczegółowy opis  45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC817 Arkusz danych(HTML) 5 Page - Diodes Incorporated

  BC817_15 Datasheet HTML 1Page - Diodes Incorporated BC817_15 Datasheet HTML 2Page - Diodes Incorporated BC817_15 Datasheet HTML 3Page - Diodes Incorporated BC817_15 Datasheet HTML 4Page - Diodes Incorporated BC817_15 Datasheet HTML 5Page - Diodes Incorporated BC817_15 Datasheet HTML 6Page - Diodes Incorporated BC817_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BC817-16/ -25/ -40
Document number: DS11107 Rev. 20 - 2
5 of 7
www.diodes.com
March 2015
© Diodes Incorporated
BC817-16/-25/-40
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0
100
200
300
400
500
0
1
2
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Figure 1 Typical Collector Current vs. Collector-Emitter Voltage
0
20
40
60
80
100
0
10
20
V
, COLLECTOR-EMITTER VOLTAGE (V)
Figure 2 Typical Collector Current vs. Collector-Emitter Voltage
CE
10
100
1,000
1
10
I , COLLECTOR CURRENT (mA)
Figure 3 Typical DC Current Gain vs. Collector Current
C
V
= 1V
CE
150 C
°
T = 25 C
A
°
-50 C
°
100
1,000
0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
I , COLLECTOR CURRENT (mA)
Figure 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
C
I / I = 10
CB
150 C
°
25 C
°
-50 C
°
100
1,000
0.1
10
100
1,000
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Figure 5 Gain-Bandwidth Product vs. Collector Current
C


Podobny numer części - BC817_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
BC817 KEXIN-BC817_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
SeCoS Halbleitertechnol...
BC817 SECOS-BC817_15 Datasheet
208Kb / 2P
   NPN Plastic Encapsulate Transistors
logo
Unisonic Technologies
BC817 UTC-BC817_15 Datasheet
374Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Podobny opis - BC817_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
AC817-40Q DIODES-AC817-40Q Datasheet
431Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
August 2017 Rev. 1 - 2
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com