Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX6825 Arkusz danych(PDF) 5 Page - Diodes Incorporated

Numer części BCX6825
Szczegółowy opis  20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX6825 Arkusz danych(HTML) 5 Page - Diodes Incorporated

  BCX6825_15 Datasheet HTML 1Page - Diodes Incorporated BCX6825_15 Datasheet HTML 2Page - Diodes Incorporated BCX6825_15 Datasheet HTML 3Page - Diodes Incorporated BCX6825_15 Datasheet HTML 4Page - Diodes Incorporated BCX6825_15 Datasheet HTML 5Page - Diodes Incorporated BCX6825_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BCX6825
Datasheet Number: DS33010 Rev. 5 - 2
5 of 6
www.diodes.com
October 2012
© Diodes Incorporated
BCX6825
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT89
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 Typ
H
3.94
4.25
H1
2.63
2.93
L
0.89
1.20
All Dimensions in mm
Dimensions Value (in mm)
X
0.900
X1
1.733
X2
0.416
Y
1.300
Y1
4.600
Y2
1.475
Y3
0.950
Y4
1.125
C
1.500
Y1
X1
Y2
Y
C
X (3x)
Y3
Y4
X2 (2x)
E
H
D1
B1
B
e
C
L
A
D
8° (4X)
H
1
R0
.2
00


Podobny numer części - BCX6825_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BCX6825Q DIODES-BCX6825Q Datasheet
780Kb / 6P
   20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
BCX6825QTA DIODES-BCX6825QTA Datasheet
327Kb / 5P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
BCX6825QTA DIODES-BCX6825QTA Datasheet
780Kb / 6P
   20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
BCX6825TA DIODES-BCX6825TA Datasheet
327Kb / 5P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
More results

Podobny opis - BCX6825_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
BCX6825Q DIODES-BCX6825Q Datasheet
780Kb / 6P
   20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX493 DIODES-FCX493_15 Datasheet
290Kb / 6P
   100V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
BSR43 DIODES-BSR43 Datasheet
47Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 DIODES-FCX491 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com