Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0581A Arkusz danych(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0581A
Szczegółowy opis  SAW Filter 2345MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0581A Arkusz danych(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0581A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0581A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0581A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0581A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0581A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0581A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0581A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0581A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA0581A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
: Year Code (2009->9, 2010->0,…, 2018->8)
: Date Code (W01->A,W02->B,…W27->a,…,W52->z)
D. MEASUREMENT CIRCUIT:
2 : Input
5 : Output
1,3,4,6 : Ground
Unit : mm
50Ω
HP Network analyzer
50Ω
SAW Filter
2
5
1,3 ,4,6


Podobny numer części - TA0581A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0581B TAI-SAW-TA0581B Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA0581B GOLLEDGE-TA0581B Datasheet
337Kb / 7P
   SAW Filter 2345.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0581C TAI-SAW-TA0581C Datasheet
405Kb / 8P
   SAW Filter 2345MHz
More results

Podobny opis - TA0581A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0581C TAI-SAW-TA0581C Datasheet
405Kb / 8P
   SAW Filter 2345MHz
TA1704A TAI-SAW-TA1704A Datasheet
193Kb / 7P
   SAW Filter 2345MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com